Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics STLC2500 Datasheet HTML 19Page - STMicroelectronics STLC2500 Datasheet HTML 20Page - STMicroelectronics STLC2500 Datasheet HTML 21Page - STMicroelectronics STLC2500 Datasheet HTML 22Page - STMicroelectronics STLC2500 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
STLC2500
20/23
Table 23. GPIO multiplexing
8.5 The I2C interface
The I2C interface (version 2.1) has been specified by Philips.
The I2C interface is used to access I2C peripherals.
The implemented interface is a fast master I2C; it has full control of the interface at all times. I2C slave
functionality is not supported, forcing attached devices to be slave, otherwise bus contention will occur.
9
HCI UART TRANSPORT LAYER
The UART transport Layer has been specified by the Bluetooth SIG and allows HCI level communication
between a Bluetooth controller (STLC2500) and a Host (e.g. a GSM), via a serial line.
The objective of this HCI UART Transport Layer is to make possible to use Bluetooth HCI over a serial
interface between two UARTs on the same PCB. The HCI UART Transport Layer assumes that the UART
communication is free from line errors.
UART Settings
The HCI UART Transport Layer uses the following settings for RS232:
– Baud rate: configurable (default baud rate 115.2 [kbps])
– Number of data bits: 8
– Parity bit: no parity
– Stop bit: 1 stop bit
– Flow control: RTS/CTS
– Flow-off response time: 3 ms
Flow control with RTS/CTS is used to prevent temporary UART buffer overrun. It should not be used for
flow control of HCI, since HCI has its own flow control mechanism for HCI commands, HCI events and
HCI data.
If CTS is high, then the Host/Bluetooth controller is allowed to send.
If CTS is low, then the Host/Bluetooth controller is not allowed to send.
The flow-off response time defines the maximum time from setting RTS low until the byte flow actually
stops. The RS232 signals should be connected in a null-modem fashion, i.e. the local TXD should be con-
nected to the remote RXD and the local RTS should be connected to the remote CTS and vice versa.
Figure 9. UART Transport Layer
Multiplexed GPIOs
WLAN
(See also table 19.)
I2C
PCM
GPIO
WLAN 1
I2C clock
[I2C or GPIO]
GPIO 0
WLAN 2
I2C data
[I2C or GPIO]
GPIO 1
WLAN 3
[PCM or GPIO]
PCM sync 1
GPIO 2
WLAN 4
[PCM or GPIO]
PCM sync 2
GPIO 3
BLUETOOTH
HOST
BLUETOOTH
HOST
CONTROLLER
BLUETOOTH HCI
HCI UART TRANSPORT LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com