Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics STLC2500 Datasheet HTML 19Page - STMicroelectronics STLC2500 Datasheet HTML 20Page - STMicroelectronics STLC2500 Datasheet HTML 21Page - STMicroelectronics STLC2500 Datasheet HTML 22Page - STMicroelectronics STLC2500 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
STLC2500
Table 22. PCM interface timing
Figure 8. PCM interface timing
8.3
The JTAG interface
The JTAG interface is compliant with the JTAG IEEE Standard 1149.1. It allows both the boundary scan
of the digital pins and the debug of the ARM7TDMI application when connected with the standard ARM7
developments tools. It is also used for the industrial test of the device.
8.4
The GPIOs
The STLC2500 has 4 GPIO pins. They are fully programmable via specific HCI commands. They can be
configured as input, output, interrupt with asynchronous or synchronous edge or level detection and/or
wake-up.
Also other functions are multiplexed on the GPIO pins.
The alternative functions are
– WLAN co-existence control
– I2C interface
– PCM synchronization;
–GPIOs
Some functions are mutually exclusive, as per table 23.
Symbol
Description
Min.
Typ.
Max.
Unit
tWCH
High period of PCM_CLK
200
ns
tWCL
Low period of PCM_CLK
200
ns
tWSH
High period of PCM_SYNC
200
ns
tSSC
Setup time, PCM_SYNC high to PCM_CLK low
100
ns
tSDC
Setup time, PCM_A/B input valid to PCM_CLK low
100
ns
tHCD
Hold time, PCM_CLK low to PCM_A/B input valid
100
ns
tDCD
Delay time, PCM_CLK high to PCM_A/B output valid
150
ns
tWCL
tWCH
tSSC
tWSH
tSDC tHCD
tDCD
MSB
MSB
MSB-1
MSB-1
MSB-2
MSB-2
MSB-3
MSB-3
PCM_CLK
PCM_SYNC
PCM_A/B in
PCM_A/B out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com