Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 13Page - STMicroelectronics STLC2500 Datasheet HTML 14Page - STMicroelectronics STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics STLC2500 Datasheet HTML 19Page - STMicroelectronics STLC2500 Datasheet HTML 20Page - STMicroelectronics STLC2500 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
STLC2500
8
DIGITAL INTERFACES
8.1
The UART interface
The STLC2500 contains a 4-pin (UART_RXD, UART_TXD, UART_RTS, and UART_CTS) UART com-
patible with 16450, 16550 and 16750 standards. It is running up to 1842 kbps (+1.5%/-1%).
The configuration is 8 data bits, 1 start bit, 1 stop bit, and no parity bit. 128-byte FIFO with configurable
threshold interrupts for low CPU load and high throughput. Auto RTS/CTS is implemented in HW, control-
lable by SW.
The UART accepts all HCI commands as described in the Bluetooth specification, it supports H4 propri-
etary commands and the 4-wire UART sleep mode. The complete list of supported proprietary HCI com-
mands is available in the STLC2500 Software Interface document.
Table 20 contains the list of supported baud rates selectable by HCI commands. The default baud rate is
115200 [bps].
Table 20. List of supported baud rates
8.2
The PCM interface
The chip contains a 4-pin (PCM_CLK, PCM_SYNC, PCM_A, and PCM_B) direct voice interface to con-
nect to standard CODEC including internal decimator and interpolator filters. The implementation is com-
pliant with the MP-PCM requirements for voice transfer (8 kHz PCM_SYNC and 8 or 16 bits data).
The four signals of the PCM interface are:
– PCM_CLK:
PCM clock
– PCM_SYNC:
PCM 8KHz sync
– PCM_A:
PCM data
– PCM_B:
PCM data
The data can be linear PCM (13-16 bit),
µ-Law (8 bit) or A-Law (8bit). The interface can be programmed
as Master or as Slave via specific HCI commands.
Two additional PCM_SYNC signals can be provided via the GPIOs. See section 8.4 for more details.
Figure 5. PCM (A-law,
µ-law) standard mode
Baud rate
1842 k
57.6 k
4800
921.6 k
38.4 k
2400
460.8 k
28.8 k
1800
230.4 k
19.2 k
1200
153.6 k
14.4 k
900
115.2 k (default)
9600
600
76.8 k
7200
300
0
1
15
PCM_CLK
125
µs
PCM_SYNC
PCM_A
PCM_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com