Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2500 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC2500
Description  BLUETOOTH™ SINGLE CHIP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC2500 Datasheet HTML 11Page - STMicroelectronics STLC2500 Datasheet HTML 12Page - STMicroelectronics STLC2500 Datasheet HTML 13Page - STMicroelectronics STLC2500 Datasheet HTML 14Page - STMicroelectronics STLC2500 Datasheet HTML 15Page - STMicroelectronics STLC2500 Datasheet HTML 16Page - STMicroelectronics STLC2500 Datasheet HTML 17Page - STMicroelectronics STLC2500 Datasheet HTML 18Page - STMicroelectronics STLC2500 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
STLC2500
7.9
Patch RAM
The STLC2500 includes a HW block that allows patching of the ROM code.
Additionally, a SW patch mechanism allows replacing complete SW functions without changing the ROM
image.
A part of the RAM memory is used for HW and SW patches.
7.10 Download of SW parameters
To change the device configuration a set of customizable parameters have been defined and put together
in one file. This file is downloaded at start-up into the STLC2500.
Examples of parameters are: radio configuration, PCM settings etc.
The same HCI command is used to download the file containing the patches (both those for the SW and
HW mechanism).
A more detailed description of the SW parameters is available upon request.
7.11 Bluetooth - WLAN coexistence in collocated scenario
Bluetooth and WLAN 802.11 b/g technologies occupy the same 2.4 GHz ISM band. STLC2500 imple-
ments a set of mechanisms to avoid interference in a collocated scenario.
The STLC2500 supports 5 different algorithms in order to provide efficient and flexible simultaneous func-
tionality between the two technologies in collocated scenarios:
– Algorithm 1: PTA (Packet Traffic Arbitration) based coexistence algorithm defined in accordance with
the IEEE 802.15.2 recommended practice.
– Algorithm 2: the WLAN is the master and it indicates to the STLC2500 when not to operate in case of
simultaneous use of the air interface.
– Algorithm 3: the STLC2500 is the master and it indicates to the WLAN chip when not to operate in case
of simultaneous use of the air interface.
– Algorithm 4: Two-wire mechanism
– Algorithm 5: Alternating Wireless Medium Access (AWMA), defined in accordance with the WLAN
802.11 b/g technologies.
The algorithm is selected via HCI command. The default algorithm is algorithm 1.
7.11.1 Algorithm 1: PTA (Packet Traffic Arbitration)
The Algorithm is based on a bus connection between the STLC2500 and the WLAN chip:
By using this coexistence interface it's possible to dynamically allocate bandwidth to the two devices when
simultaneous operations are required while the full bandwidth can be allocated to one of them in case the
other one does not require activity. The algorithm involves a priority mechanism, which allows preserving
the quality of certain types of link. A typical application would be to guarantee optimal quality to the Blue-
tooth voice communication while an intensive WLAN communication is ongoing.
Several algorithms have been implemented in order to provide a maximum of flexibility and efficiency for
the priority handling. Those algorithms can be activated via specific HCI commands.
The combination of a time division multiplexing techniques to share the bandwidth in case of simultaneous
STLC2500
WLAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com