Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2966 Datasheet HTML 1Page - National Semiconductor (TI) LP2966 Datasheet HTML 2Page - National Semiconductor (TI) LP2966 Datasheet HTML 3Page - National Semiconductor (TI) LP2966 Datasheet HTML 4Page - National Semiconductor (TI) LP2966 Datasheet HTML 5Page - National Semiconductor (TI) LP2966 Datasheet HTML 6Page - National Semiconductor (TI) LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ordering Information
The following voltage options and their combinations are possible.
5.0V, 4.0V, 3.8V, 3.6V, 3.3V, 3.2V, 3.1V, 3.0V, 2.9V, 2.8V, 2.7V, 2.6V, 2.5V, 2.4V, 2.0V and 1.8V
TABLE 1.
Output Voltage 1
Output Voltage 2
Order Number
Package Marking
Supplied As:
5.0
5.0
LP2966IMM-5050
LAFB
1000 units on tape and reel
5.0
5.0
LP2966IMMX-5050
LAFB
3500 units on tape and reel
3.6
3.6
LP2966IMM-3636
LAEB
1000 units on tape and reel
3.6
3.6
LP2966IMMX-3636
LAEB
3500 units on tape and reel
3.3
3.6
LP2966IMM-3336
LAHB
1000 units on tape and reel
3.3
3.6
LP2966IMMX-3336
LAHB
3500 units on tape and reel
3.3
3.3
LP2966IMM-3333
LADB
1000 units on tape and reel
3.3
3.3
LP2966IMMX-3333
LADB
3500 units on tape and reel
3.3
2.5
LP2966IMM-3325
LARB
1000 units on tape and reel
3.3
2.5
LP2966IMMX-3325
LARB
3500 units on tape and reel
3.0
3.0
LP2966IMM-3030
LACB
1000 units on tape and reel
3.0
3.0
LP2966IMMX-3030
LACB
3500 units on tape and reel
2.8
3.0
LP2966IMM-2830
LASB
1000 units on tape and reel
2.8
3.0
LP2966IMMX-2830
LASB
3500 units on tape and reel
2.8
2.8
LP2966IMM-2828
LABB
1000 units on tape and reel
2.8
2.8
LP2966IMMX-2828
LABB
3500 units on tape and reel
2.5
2.5
LP2966IMM-2525
LAAB
1000 units on tape and reel
2.5
2.5
LP2966IMMX-2525
LAAB
3500 units on tape and reel
1.8
3.3
LP2966IMM-1833
LCFB
1000 units on tape and reel
1.8
3.3
LP2966IMMX-1833
LCFB
3500 units on Tape and reel
1.8
1.8
LP2966IMM-1818
LA9B
1000 units on tape and reel
1.8
1.8
LP2966IMMX-1818
LA9B
3500 units on tape and reel
The voltage options and combinations shown in
Table 1 are available. For other custom voltage options or combinations
of voltage options, please contact your nearest National Semiconductor Sales Office.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com