Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) LP2966 Datasheet HTML 10Page - National Semiconductor (TI) LP2966 Datasheet HTML 11Page - National Semiconductor (TI) LP2966 Datasheet HTML 12Page - National Semiconductor (TI) LP2966 Datasheet HTML 13Page - National Semiconductor (TI) LP2966 Datasheet HTML 14Page - National Semiconductor (TI) LP2966 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Applications Information (Continued)
The internal error flag comparators have open drain output
stages. Hence, the ERROR pins should be pulled high
through a pull up resistor. Although the ERROR pin can sink
current of 1mA, this current adds to the battery drain. Hence,
the value of the pull up resistor should be in the range of
100k
Ω to 1MΩ. The ERROR pins must be connected to
ground if this function is not used. It should also be noted
that when the shutdown pins are pulled low, the ERROR pins
are forced to be invalid for reasons of saving power in shut-
down mode.
Shutdown Operation
The two LDO regulators in the LP2966 have independent
shutdown. A CMOS Logic level signal at the shutdown( SD)
pin will turn-off the corresponding regulator. Pins SD1 and
SD2 must be actively terminated through a 100k
Ω pull-up re-
sistor for a proper operation. If these pins are driven from a
source that actively pulls high and low (such as a CMOS rail
to rail comparator), the pull-up resistor is not required. These
pins must be tied to Vin if not used.
Drop-Out Voltage
The drop-out voltage of a regulator is defined as the mini-
mum input-to-output differential required to stay within
100mV of the output voltage measured with a 1V differential.
The LP2966 uses an internal MOSFET with an Rds(on) of
1
Ω. For CMOS LDOs, the drop-out voltage is the product of
the load current and the Rds(on) of the internal MOSFET.
Reverse Current Path
The internal MOSFET in the LP2966 has an inherent para-
sitic diode. During normal operation, the input voltage is
higher than the output voltage and the parasitic diode is re-
verse biased. However, if the output is pulled above the input
in an application, then current flows from the output to the in-
put as the parasitic diode gets forward biased. The output
can be pulled above the input as long as the current in the
parasitic diode is limited to 150mA.
Maximum Output Current Capability
Each output in the LP2966 can deliver a current of more than
150mA over the full operating temperature range. However,
the maximum output current capability should be derated by
the junction temperature. Under all possible conditions, the
junction temperature must be within the range specified un-
der operating conditions. The LP2966 is available in
MSOP-8 package. This package has a junction to ambient
temperature coefficient (
θ
ja)
of 235 ˚C/W with minimum
amount of copper area. The total power dissipation of the de-
vice is approximately given by:
P
D =(Vin -VOUT1)IOUT1 +(Vin-VOUT2)IOUT2
The maximum power dissipation, P
Dmax, that the device can
tolerate can be calculated by using the formula
P
Dmax =(Tjmax -TA)/θja
where T
jmax is the maximum specified junction temperature
(125˚C), and T
A is the ambient temperature.
The following figures show the variation of thermal coeffi-
cient with different layout scenarios.
DS100850-35
FIGURE 3. Error Flag Operation
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com