Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2966 Datasheet HTML 1Page - National Semiconductor (TI) LP2966 Datasheet HTML 2Page - National Semiconductor (TI) LP2966 Datasheet HTML 3Page - National Semiconductor (TI) LP2966 Datasheet HTML 4Page - National Semiconductor (TI) LP2966 Datasheet HTML 5Page - National Semiconductor (TI) LP2966 Datasheet HTML 6Page - National Semiconductor (TI) LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Block Diagram
Connection Diagram
Pin Description
Pin
Name
Function
1
VIN
Input Supply pin
2
SD1
Active low shutdown pin for output 1
3
SD2
Active low shutdown pin for output 2
4
GND
Ground
5
ERROR2 Error flag for output 2 - Normally high impedance, should be connected to ground if not
used.
6
ERROR1 Error flag for output 1 - Normally high impedance, should be connected to ground if not
used.
7
VOUT2
Output 2
8
VOUT1
Output 1
DS100850-31
DS100850-32
Top View
Mini SO-8 Package
8-Lead Small Outline Integrated Circuit (SOIC)
Package Code: MSOP-8
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com