Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2966 Datasheet HTML 1Page - National Semiconductor (TI) LP2966 Datasheet HTML 2Page - National Semiconductor (TI) LP2966 Datasheet HTML 3Page - National Semiconductor (TI) LP2966 Datasheet HTML 4Page - National Semiconductor (TI) LP2966 Datasheet HTML 5Page - National Semiconductor (TI) LP2966 Datasheet HTML 6Page - National Semiconductor (TI) LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP2966
Dual 150mA Ultra Low-Dropout Regulator
General Description
The LP2966 dual ultra low-dropout (LDO) regulator operates
from a +2.70V to +7.0V input supply. Each output delivers
150mA over full temperature range. The IC operates with ex-
tremely low drop-out voltage and quiescent current, which
makes it very suitable for battery powered and portable ap-
plications. Each LDO in the LP2966 has independent shut-
down capability. The LP2966 provides low noise perfor-
mance with low ground pin current in an extremely small
MSOP-8 package (refer to package dimensions and connec-
tion diagram for more information on MSOP-8 package). A
wide range of preset voltage options are available for each
output. In addition to the voltage combinations listed in the
ordering information table, many more are available upon re-
quest with minimum orders. In all, 256 voltage combinations
are possible.
Key Specifications
Dropout Voltage: Varies linearly with load current. Typically
0.9 mV at 1mA load current and 135mV at 150mA load cur-
rent.
Ground Pin Current: Typically 300µA at 1mA load current
and 340µA at 100mA load current (with one shutdown pin
pulled low).
Shutdown Mode: Less than 1µA quiescent current when
both shutdown pins are pulled low.
Error Flag: Open drain output, goes low when the corre-
sponding output drops 10% below nominal.
Precision Output Voltage: Multiple output voltage options
available ranging from 1.8V to 5.0V with a guaranteed accu-
racy of ±1% at room temperature.
Features
n
Ultra low drop-out voltage
n
Low ground pin current
n <
1µA quiescent current in shutdown mode
n
Independent shutdown of each LDO regulator
n
Output voltage accuracy ±1%
n
Guaranteed 150mA output current at each output
n
Low output noise
n
Error Flags indicate status of each output
n
Available in MSOP-8 surface mount packages
n
Low output capacitor requirements (1µF)
n
Operates with Low ESR ceramic capacitors in most
applications
n
Over temperature/over current protection
n
-40˚C to +125˚C junction temperature range
Applications
n
Cellular and Wireless Applications
n
Palmtop/Laptop Computer
n
GPS systems
n
Flat panel displays
n
Post regulators
n
USB applications
n
Hand held equipment and multimeters
n
Wireless data terminals
n
Other battery powered applications
Typical Application Circuit
DS100850-30
*SD1 and SD2 must be actively terminated through a pull up resistor. Tie to VIN if not used.
**ERROR1 and ERROR2 are open drain outputs. These pins must be connected to ground if not used.
# Minimum output capacitance is 1µF to insure stability over full load current range. More capacitance improves superior dynamic performance and provides
additional stability margin.
April 2000
© 2000 National Semiconductor Corporation
DS100850
www.national.com


Similar Part No. - LP2966

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2966 TI-LP2966 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI2-LP2966 Datasheet
972Kb / 23P
Dual 150mA Ultra Low-Dropout Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMM-1833 TI-LP2966IMM-1833 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2966

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
150mA Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LP2966EP NSC-LP2966EP Datasheet
516Kb / 15P
Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
150mA Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com