Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) LP2966 Datasheet HTML 10Page - National Semiconductor (TI) LP2966 Datasheet HTML 11Page - National Semiconductor (TI) LP2966 Datasheet HTML 12Page - National Semiconductor (TI) LP2966 Datasheet HTML 13Page - National Semiconductor (TI) LP2966 Datasheet HTML 14Page - National Semiconductor (TI) LP2966 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Applications Information
Input Capacitor Selection
LP2966 requires a minimum input capacitance of 1µF be-
tween the input and ground pins to prevent any impedance
interactions with the supply. This capacitor should be located
very close to the input pin. This capacitor can be of any type
such as ceramic, tantalum, or aluminium. Any good quality
capacitor which has good tolerance over temperature and
frequency is recommended.
Output Capacitor Selection
The LP2966 requires a minimum of 1µF capacitance on
each output for proper operation. To insure stability, this ca-
pacitor should maintain its ESR (equivalent series resis-
tance) in the stable region of the ESR curves (
Figure 1 and
Figure 2 over the full operating temperature range of the ap-
plication. The output capacitor should have a good tolerance
over temperature, voltage, and frequency. The output ca-
pacitor can be increased without limit. Larger capacitance
provides better stability and noise performance. The output
capacitor should be connected very close to the Vout pin of
the IC.
LP2966 works best with Tantalum capacitors. However, the
ESR and the capcitance value of these capacitors vary a lot
with temperature, voltage, and frequency. So while using
Tantalum capacitors, it should be ensured that the ESR is
within the limits for stability over the full operating tempara-
ture range.
For output voltages greater than 2.5V, good quality ceramic
capacitors (such as the X7R series from Taiyoyuden) can
also be used with LP2966 in applications not requiring light
load operation (< 5mA for the 5V output option). Once again,
it should be ensured that the capacitance value and the ESR
are within the limits for stability over the full operating tem-
perature range.
The ESRD Series Polymer Aluminium Electrolytic capacitors
from Cornell Dubilier are very stable over temperature and
frequency. The excellent capacitance and ESR tolerance of
these capacitors over voltage, temperature and frequency
make these capacitors very suitable for use with LDO regu-
lators.
Output Noise
Noise is specified in two ways-
Spot Noise or Output noise density is the RMS sum of all
noise sources, measured at the regulator output, at a spe-
cific frequency (measured with a 1Hz bandwidth). This type
of noise is usually plotted on a curve as a function of fre-
quency.
Total output Noise or Broad-band noise is the RMS sum
of spot noise over a specified bandwidth, usually several de-
cades of frequencies.
Attention should be paid to the units of measurement. Spot
noise is measured in units µV/
Hz or nV/Hz and total output
noise is measured in µV(rms).
The primary source of noise in low-dropout regulators is the
internal reference. In CMOS regulators, noise has a low fre-
quency component and a high frequency component, which
storngly depend on the silicon area and quiescent current.
Noise can be reduced in two ways: by increasing the transis-
tor area or by increasing the current drawn by the internal
reference. Increasing the area will increase the die size and
decreases the chance of fitting the die into a small package.
Increasing the current drawn by the internal reference in-
creases the total supply current (ground pin current) of the
IC. Using an optimized trade-off of ground pin current and
die size, LP2966 achieves low noise performance with low
quiescent current in an MSOP-8 package.
Short-Circuit Foldback protection
In the presence of a short or excessive load current condi-
tion, the LP2966 uses an internal short circuit foldback
mechanism that regulates the maximum deliverable output
current. A strong negative temperature coefficient is de-
signed into the circuit to enable extremely higher peak output
current capability (in excess of 400mA per output at room
temperature, see typical curves). Thus, a system designer
using the LP2966 can achieve higher peak output current
capability in applications where the LP2966 internal junction
temperature is kept below 125˚C. Refer to the applications
section on calculating the maximum output current capability
of the LP2966 for your application.
Error Flag Operation
The LP2966 produces a logic low signal at the Error Flag pin
(ERROR) when the corresponding output drops out of regu-
lation due to low input voltage, current limiting, or thermal
limiting. This flag has a built in Hysteresis. The timing dia-
gram in
Figure 3 shows the relationship between the ER-
ROR and the output voltage. In this example, the input volt-
age is changed to demonstrate the functionality of the Error
Flag.
DS100850-11
FIGURE 1. ESR Curve for V
OUT = 5V and COUT = 2.2µF
DS100850-12
FIGURE 2. ESR Curve for V
OUT = 3.3V and COUT =
2.2µF
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com