Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2966
Description  Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2966 Datasheet HTML 1Page - National Semiconductor (TI) LP2966 Datasheet HTML 2Page - National Semiconductor (TI) LP2966 Datasheet HTML 3Page - National Semiconductor (TI) LP2966 Datasheet HTML 4Page - National Semiconductor (TI) LP2966 Datasheet HTML 5Page - National Semiconductor (TI) LP2966 Datasheet HTML 6Page - National Semiconductor (TI) LP2966 Datasheet HTML 7Page - National Semiconductor (TI) LP2966 Datasheet HTML 8Page - National Semiconductor (TI) LP2966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
j = 25˚C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, V
IN =VO(NOM) + 1V, (Note 16), COUT = 1µF, IOUT = 1mA, CIN = 1µF, VSD1 =VSD2 =VIN.
Symbol
Parameter
Conditions
Typ
(Note 4)
LP2966IMM (Note 5)
Unit
Min
Max
Over Temperature Protection
Tsh(t)
Shutdown Threshold
165
˚C
Tsh(h)
Thermal Shutdown
Hysteresis
25
˚C
Shutdown Input
V
SDT
Shutdown Threshold
(Note 15)
Output = Low
0
0.1
V
Output = High
V
IN
V
IN - 0.1
T
dOFF
Turn-off Delay (Note 17)
I
L = 100 mA
20
µsec
T
dON
Turn-on Delay (Note 17)
I
L = 100 mA
25
µsec
I
SD
SD Input Current
V
SD =VIN
1
nA
V
SD =0 V
1
Error Flag Comparators
V
T
Threshold (output goes
high to low)
10
516
%
(Note 11)
V
TH
Threshold Hysteresis
5
28
%
(Note 11)
V
ERR(Sat)
Error Flag Saturation
I
Fsink = 100µA
0.015
0.1
V
I
EF(leak)
Error Flag Pin Leakage
Current
1nA
I
(EFsink)
Error Flag Pin Sink Current
1
mA
AC Parameters
PSRR
Ripple Rejection
V
IN =VOUT + 1V, f =
120Hz, V
OUT = 3.3V
60
dB
V
IN =VOUT + 0.3V, f =
120Hz, V
OUT = 3.3V
40
ρn(1/f)
Output Noise Density
f =120Hz
1
µV/
Hz
e
n
Output Noise Voltage (rms)
BW = 10Hz − 100kHz,
C
OUT = 10µF
150
µV(rms)
BW = 300Hz − 300kHz,
C
OUT = 10µF
100
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: At elevated temperatures, devices must be derated based on package thermal resistance. The device in the surface-mount package must be derated at
θjA
= 235˚C/W, junction-to-ambient. Please refer to the applications section on maximum current capability for further information. The device has internal thermal pro-
tection.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: : Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: : Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Averaging Outgoing Quality Level (AOQL).
Note 6: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2966 output must be diode-clamped to ground.
Note 7: The output PMOS structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN and VOUT
will turn on this diode.
Note 8: Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in input line voltage.
Note 9: Output voltage load regulation is defined as the change in output voltage from the nominal value when the load current changes from 1mA to 100mA.
Note 10: Output voltage cross regulation is defined as the percentage change in the output voltage from the nominal value at one output when the load current
changes from 1mA to full load in the other output. This is an important parameter in multiple output regulators. The specification for
∆VO1/∆IOUT2 is equal to the speci-
fication for
∆VO2/∆IOUT1.
Note 11: Error Flag threshold and hysteresis are specified as the percentage below the regulated output voltage.
Note 12: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below the nominal value. Drop-out voltage specifi-
cation applies only to output voltages greater than 2.7V. For output voltages below 2.7V, the drop-out voltage is nothing but the input to output differential, since the
minimum input voltage is 2.7V.
Note 13: Output voltage tolerance specification also includes the line regulation and load regulation.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com