Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 8Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 9Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 10Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 11Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 12Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 13Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 14Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 15Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
12
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.6 Pin Out - 64 pin QFN
IOBUS8
IOBUS9
VCCIO 3.3V
IOBUS10
GND IO
19
20
21
22
23
24
25
26
27
28
29
30
17
18
31
32
IOBUS6
IOBUS7
IOBUS11
IOBUS12
IOBUS13
IOBUS14
IOBUS15
IOBUS16
IOBUS17
IOBUS18
IOBUS19
IOBUS31
IOBUS30
VCCIO 3.3V
IOBUS32
IOBUS33
GND CORE
IOBUS35
IOBUS34
IOBUS37
IOBUS36
IOBUS39
IOBUS38
IOBUS41
IOBUS40
IOBUS43
IOBUS42
60
59
58
57
56
55
54
53
52
51
50
49
64
63
62
61
FTDI
XXXXXXXXXX
VNC2-64Q1A
YYWW
Figure 3.6 64 Pin QFN – Top Down View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com