Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 60 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 60 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 56Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 57Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 58Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 59Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 60Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 61Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 62Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 63Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 64Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
60
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Figure 6.22 Asynchronous FIFO mode Read / Write Cycle
Time
Description
Minimum
Maximum
Unit
t1
RD# inactive to RXF#
1
14
ns
t2
RXF# inactive after RD# cycle
100
ns
t3
RD# to DATA
1
14
ns
t4
RD# active pulse width
30
ns
t5
RD# active after RXF#
0
ns
t6
WR# active to TXE# inactive
1
14
ns
t7
TXE# inactive after WR# cycle
100
ns
t8
DATA to TXE# active setup time
5
ns
t9
DATA hold time after WR# inactive
5
ns
t10
WR# active pulse width
30
ns
t11
WR# active after TXE#
0
ns
Table 6.17 Asynchronous FIFO mode Read / Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com