Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 15Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 16Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 17Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 18Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 19Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 20Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 21Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 22Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
19
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Pin No
Name
(VINC1-L)
64 Pin
Default
48 Pin
Default
32 PIN
Default
Type
Description
64
Pin
48
Pin
32
Pin
27
34
-
IOBUS15
(ADBUS3)
fifo_wr#
uart_cts#
I/O
GPIO
28
35
-
IOBUS16
(ADBUS4)
fifo_oe#
uart_dtr#
I/O
GPIO
29
36
-
IOBUS17
(ADBUS5)
Input
uart_dsr#
I/O
GPIO
31
37
-
IOBUS18
(ADBUS6)
Input
uart_dcd#
I/O
GPIO
32
38
-
IOBUS19
(ADBUS7)
Input
uart_ri#
I/O
GPIO
39
41
-
IOBUS20
(ACBUS0)
uart_txd
uart_tx_active
I/O
GPIO
40
42
-
IOBUS21
(ACBUS1)
uart_rxd
gpio[A5]
I/O
GPIO
41
43
-
IOBUS22
(ACBUS2)
uart_rts#
gpio[A6]
I/O
GPIO
42
44
-
IOBUS23
(ACBUS3)
uart_cts#
gpio[A7]
I/O
GPIO
43
45
-
IOBUS24
(ACBUS4)
uart_dtr#
gpio[A0]
I/O
GPIO
44
46
-
IOBUS25
(ACBUS5)
uart_dsr#
gpio[A1]
I/O
GPIO
45
47
-
IOBUS26
(ACBUS6)
uart_dcd#
gpio[A2]
I/O
GPIO
46
48
-
IOBUS27
(ACBUS7)
uart_ri#
gpio[A3]
I/O
GPIO
47
-
-
IOBUS28
uart_tx_active
I/O
GPIO
48
-
-
IOBUS29
Input
I/O
GPIO
49
-
-
IOBUS30
Input
I/O
GPIO
50
-
-
IOBUS31
Input
I/O
GPIO
51
-
-
IOBUS32
spi_s0_clk
I/O
GPIO
52
-
-
IOBUS33
spi_s0_mosi
I/O
GPIO
55
-
-
IOBUS34
spi_s0_miso
I/O
GPIO
56
-
-
IOBUS35
spi_s0_ss#
I/O
GPIO
57
-
-
IOBUS36
spi_s1_clk
I/O
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com