Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 27Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 28Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 29Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 30Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 31Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 32Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 33Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 34Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
31
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5.3 I/O Mux Group 0
Available Input signals
Available output
signals
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
debug_if
fifo_data[0]
fifo_data[4]
fifo_oe#
spi_s0_clk
spi_s1_clk
gpio[A0]
gpio[A4]
gpio[B0]
gpio[B4]
gpio[C0]
gpio[C4]
gpio[D0]
gpio[D4]
gpio[E0]
gpio[E4]
debug_if
uart_txd
uart_dtr#
uart_tx_active
fifo_data[0]
fifo_data[4]
fifo_rxf#
pwm[0]
pwm[4]
spi_m_clk
spi_m_ss_1#
gpio[A0]
gpio[A4]
gpio[B0]
gpio[B4]
gpio[C0]
gpio[C4]
gpio[D0]
gpio[D4]
gpio[E0]
gpio[E4]
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
Table 5.2 Group 0
Table 5.2 - Input and output signals that are available for all the IOBUS pins that are in group 0. For
example if using the 48 pin package device this would allow pins 11, 15, 20, 31, 35, 41 and 45 to be
configured as either an input signal (listed in the first column) or a output signal (listed in the second
column).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com