Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 70 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 70 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 66Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 67Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 68Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 69Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 70Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 71Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 72Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 73Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 74Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
70
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
( High)
2.8
V
UVol
I/O Pins Static Output
( Low )
0.3
V
UVse
Single Ended Rx Threshold
0.8
2.0
V
UCom
Differential Common Mode
0.8
2.5
V
UVdif
Differential Input Sensitivity
0.2
V
UDrvZ
Driver Output Impedance
3
6
9
Ohms
Table 9.4 USB I/O Pin (USBDP, USBDM) Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCK
Power supply of internal
core cells and I/O to core
interface
1.62
1.8
1.98
V
1.8V power supply
VCC18IO
Power supply of 1.8V OSC
pad
1.62
1.8
1.98
V
1.8V power supply
TJ
Operating junction
temperature
-40
25
125
°C
Iin
Input leackage current
-10
±1
10
µA
Iin = VCC18IO or
0V
Ioz
Tri-state output leakage
current
-10
±1
10
µA
Table 9.5 Crystal Oscillator 1.8 Volts DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com