Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2DP Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # USB2DP
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB2DP Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button USB2DP Datasheet HTML 14Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 15Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 16Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 17Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 18Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 19Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 20Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 21Page - Future Technology Devices International Ltd. USB2DP Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
18
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
3.12 Pin Configuration Input / Output
VNC2 has multiple interfaces available for connecting to external devices. These are UART, FIFO, SPI
slave, SPI master, GPIO and PWM. The Interface I/O Multiplexer is used to share the available I/O Pins
between each peripheral.
VNC2 is configured with default settings for the I/O pins however they can be easily changed to suit the
needs of a designer. This is explained in Section 5 – I/O Multiplexer. Default configuration for each
package type is shown in Table 3.4- Default I/O Configuration. The signal names are also indicated
for the VNC1L device as it is pin-compatible with the 48 pin LQFP VNC2 device.
Note: The default values of the pins listed in the following table are only available when the
I/O Mux is enabled. A blank VNC2 chip defaults to all I/O pins as inputs.
Pin No
Name
(VINC1-L)
64 Pin
Default
48 Pin
Default
32 PIN
Default
Type
Description
64
Pin
48
Pin
32
Pin
11
11
11
IOBUS0
(BDBUS0)
debug_if
debug_if
debug_if
I/O
GPIO
12
12
12
IOBUS1
(BDBUS1)
Input
pwm[1]
gpio[A1]
I/O
GPIO
13
13
14
IOBUS2
(BDBUS2)
Input
pwm[2]
gpio[A2]
I/O
GPIO
14
14
15
IOBUS3
(BDBUS3)
Input
pwm[3]
gpio[A3]
I/O
GPIO
15
15
23
IOBUS4
(BDBUS4)
fifo_data[0]
spi_s0_clk
uart_txd
I/O
GPIO
16
16
24
IOBUS5
(BDBUS5)
fifo_data[1]
spi_s0_mosi
uart_rxd
I/O
GPIO
17
18
25
IOBUS6
(BDBUS6)
fifo_data[2]
spi_s0_miso
uart_rts#
I/O
GPIO
18
19
26
IOBUS7
(BDBUS7)
fifo_data[3]
spi_s0_ss#
uart_cts#
I/O
GPIO
19
20
29
IOBUS8
(BCBUS0)
fifo_data[4]
spi_m_clk
spi_s0_clk
I/O
GPIO
20
21
30
IOBUS9
(BC BUS1)
fifo_data[5]
spi_m_mosi
spi_s0_mosi
I/O
GPIO
22
22
31
IOBUS10
(BCBUS2)
fifo_data[6]
spi_m_miso
spi_s0_miso
I/O
GPIO
23
23
32
IOBUS11
(BCBUS3)
fifo_data[7]
spi_m_ss_0#
spi_s0_ss#
I/O
GPIO
24
31
-
IOBUS12
(ADBUS0)
fifo_rxf#
uart_txd
I/O
GPIO
25
32
-
IOBUS13
(ADBUS1)
fifo_txe#
uart_rxd
I/O
GPIO
26
33
-
IOBUS14
(ADBUS2)
fifo_rd#
uart_rts#
I/O
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com