Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 6Page - Analog Devices ADE7754 Datasheet HTML 7Page - Analog Devices ADE7754 Datasheet HTML 8Page - Analog Devices ADE7754 Datasheet HTML 9Page - Analog Devices ADE7754 Datasheet HTML 10Page - Analog Devices ADE7754 Datasheet HTML 11Page - Analog Devices ADE7754 Datasheet HTML 12Page - Analog Devices ADE7754 Datasheet HTML 13Page - Analog Devices ADE7754 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 10 –
POWER SUPPLY MONITOR
The ADE7754 also contains an on-chip power supply moni-
tor. The Analog Supply (AVDD) is continuously monitored
by the ADE7754. If the supply is less than 4V ± 5% then the
ADE7754 will go in an inactive state, i.e. no energy will be
accumulated when the supply voltage is below 4V. This is
useful to ensure correct device operation at power up and
during power down. The power supply monitor has built-in
hysteresis and filtering. This gives a high degree of immunity
to false triggering due to noisy supplies.
Time
AVDD
0V
4V
5V
ADE7754
Power-on
Inactive
Active
Inactive
RESET flag in the
Interrupt Status register
Read RSTATUS register
Figure 2 - On chip Power supply monitoring
The RESET bit in the Interrupt Status register is set to logic
one when AVDD drops below 4V ± 5%. The RESET flag is
always masked by the Interrupt Mask register and cannot
cause the IRQ pin to go low. The Power supply and
decoupling for the part should be such that the ripple at
AVDD does not exceed 5V ± 5% as specified for normal
operation.
ANALOG INPUTS
The ADE7754 has a total of six analog inputs, dividable into
two channels: current channel and voltage channel. The
current channel consists of three pairs of fully-differential
voltage inputs, namely (IAP, IAN; IBP, IBN; ICP, ICN). The fully
differential voltage input pairs have a maximum differential
voltage of ±0.5V. The voltage channel has three single-ended
voltage inputs VAP, VBP, and VCP. These single-ended volt-
age inputs have a maximum input voltage of ±0.5V with
respect to VN. Both the current channel and the voltage
channel have a PGA (Programmable Gain Amplifier) with
possible gain selections of 1, 2, or 4. The same gain is applied
to all the inputs of each channel.
The gain selections are made by writing to the Gain register.
Bits 0 to 1 select the gain for the PGA in the fully-differential
current channel. The gain selection for the PGA in the single-
ended voltage channel is made via bits 5 to 6. Figure 3 shows
how a gain selection for the current channel is made using the
Gain register.
IAP, IBP, ICP
IAN, IBN, ICN
Vin
k·Vin
+
-
GAIN[7:0]
Gain (k)
selection
Figure 3— PGA in current channel
Figure 4 shows how the gain settings in PGA 1 (current
channel) and PGA 2 (voltage channel) are selected by various
bits in the Gain register. The no load threshold and sum of
the absolute value can also be selected in the Gain register -
see Table X.
GAIN REGISTER*
current & voltage Channel PGA Control
ADDR: 18h
0
1
2
3
4
5
6
7
PGA 2 Gain Select
00 = x1
01 = x2
10 = x4
00
0
0
0
0
0
0
*Register contents show power on defaults
PGA 1 Gain Select
00 = x1
01 = x2
10 = x4
RESERVED
=0
RESERVED=0
ABS
No
Load
Figure 4 — ADE7754 Analog Gain register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com