Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 2 Page - Analog Devices

  ADE7754 Datasheet HTML 1Page - Analog Devices ADE7754 Datasheet HTML 2Page - Analog Devices ADE7754 Datasheet HTML 3Page - Analog Devices ADE7754 Datasheet HTML 4Page - Analog Devices ADE7754 Datasheet HTML 5Page - Analog Devices ADE7754 Datasheet HTML 6Page - Analog Devices ADE7754 Datasheet HTML 7Page - Analog Devices ADE7754 Datasheet HTML 8Page - Analog Devices ADE7754 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
–2–
ADE7754–SPECIFICATIONS
(AVDD = DVDD = 5V±5%, AGND = DGND = 0V, On-Chip Reference,
CLKIN=10MHz, TMIN to TMAX = -40ºC to +85ºC)
Parameters
Units
Test Conditions/Comments
ACCURACY
Active Power Measurement Error
0.1
% typ
Over a dynamic range of 1000 to 1
Phase Error Between Channels
(PF=0.8 capacitive)
±0.05
º max
Phase Lead 37º
(PF=0.5 inductive)
±0.05
º max
Phase Lag 60º
AC Power Supply Rejection1
Output Frequency Variation
0.01
% typ
IAP/N=IBP/N=ICP/N= ±100mV rms
DC Power Supply Rejection
1
Output Frequency Variation
0.01
% typ
IAP/N=IBP/N=ICP/N= ±100mV rms
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak max
Differential input: VAP-VN, VBP-VN, VCP-VN
IAP-IAN, IBP-IBN, ICP-ICN
Input Impedance (DC)
400
k
Ω min
Bandwidth (-3dB)
14
kHz typ
ADC Offset Error
1
25
mV max
Uncalibrated error, see Terminology for detail
Gain Error1
± 8
% typ
External 2.5V reference
Gain Error Match
1
± 3
% typ
External 2.5V reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.6
V max
2.4V +8%
2.2
V min
2.4V -8%
Input Impedance
4
k
W min
Input Capacitance
10
pF max
TEMPERATURE SENSOR
± 2
º C
Calibrated DC offset
ON-CHIP REFERENCE
Reference Error
±200
mV max
Temperature Coefficient
30
ppm/ºC typ
CLKIN
Input Clock Frequency
10
MHz typ
LOGIC INPUTS
RESET
, DIN, SCLK CLKIN
and CS
Input High Voltage, VINH
2.4
V min
DVDD=5V ± 5%
Input Low Voltage, VINL
0.8
V max
DVDD=5V ± 5%
Input Current, IIN
±3
mA max
Typical 10nA, Vin=0V to DVDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
CF, IRQ, DOUT and CLKOUT
Output High Voltage, VOH
4
V min
DVDD=5V ± 5%
Output Low Voltage, VOL
1
V max
DVDD=5V ± 5%
POWER SUPPLY
For specified performance
AVDD
4.75
V min
5V - 5%
5.25
V max
5V +5%
DVDD
4.75
V min
5V - 5%
5.25
V max
5V +5%
AIDD
7
mA max
DIDD
10
mA max
NOTES:
1. See Terminology section for explanation of specifications.
2. See plots in Typical Performance Graph.
3. Specification subject to change without notice.
ORDERING GUIDE
MODEL
PACKAGE OPTION
*
ADE7754AR
RW-24
ADE7754ARRL
RW-24 in Reel
EVAL-ADE7754EB
ADE7754 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com