Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 30Page - Analog Devices ADE7754 Datasheet HTML 31Page - Analog Devices ADE7754 Datasheet HTML 32Page - Analog Devices ADE7754 Datasheet HTML 33Page - Analog Devices ADE7754 Datasheet HTML 34Page - Analog Devices ADE7754 Datasheet HTML 35Page - Analog Devices ADE7754 Datasheet HTML 36Page - Analog Devices ADE7754 Datasheet HTML 37Page - Analog Devices ADE7754 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 34 –
ACCESSING THE ADE7754 ON-CHIP REGISTERS
All ADE7754 functionality is accessed via the on-chip registers. Each register is accessed by first writing to the
communications register and then transferring the register data. For a full description of the serial interface protocol, see Serial
Interface section of this data sheet.
Communications Register
The Communications register is an eight bit, write-only register which controls the serial data transfer between the ADE7754
and the host processor. All data transfer operations must begin with a write to the communications register. The data written
to the communications register determines whether the next operation is a read or a write and which register is being accessed.
Table VII below outlines the bit designations for the Communications register.
Table VII : Communications Register
Bit
Bit
Description
Location
Mnemonic
0 to 5
A0 to A5
The six LSBs of the Communications register specify the register for the data transfer
operation. Table VIII lists the address of each ADE7754 on-chip register.
6
RESERVED
This bit is unused and should be set to zero.
7W / R
When this bit is a logic one the data transfer operation immediately following the write to the
Communications register will be interpreted as a write to the ADE7754. When this bit is a logic
zero the data transfer operation immediately following the write to the Communications
register will be interpreted as a read operation.
DB0
W/R
A4
A3
A2
A1
A0
0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com