Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 31Page - Analog Devices ADE7754 Datasheet HTML 32Page - Analog Devices ADE7754 Datasheet HTML 33Page - Analog Devices ADE7754 Datasheet HTML 34Page - Analog Devices ADE7754 Datasheet HTML 35Page - Analog Devices ADE7754 Datasheet HTML 36Page - Analog Devices ADE7754 Datasheet HTML 37Page - Analog Devices ADE7754 Datasheet HTML 38Page - Analog Devices ADE7754 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 35 –
Table VIII. ADE7754 REGISTER LIST
Address
Default
[A5:A0]
Name
R/W*
Length
Value
Description
00h
Reserved
-
Reserved.
01h
AENERGY
R
24
0
Active Energy register. Active power is accumulated over time in
an internal register. The AENERGY register is a read only regis-
ter that reads this internal register and can hold a minimum of 88
seconds of active energy information with full-scale analog inputs
before it overflows - See Energy Calculation. Bit 7 to 3 of the
WATMODE register determine how the Active energy is pro-
cessed from the six Analog inputs - see Table XIV.
02h
RAENERGY
R
24
0
Same as the AENERGY register, except that the internal register
is reset to zero following a read operation.
03h
LAENERGY
R
24
0
Line Accumulation Active Energy register. The instantaneous
active power is accumulated in this read-only register over the
LINCYC number of half line cycles. Bit 2 to 0 of the
WATMODE register determines, how the Line Accumulation
Active energy is processed from the six Analog inputs - see Table
XIV.
04h
VAENERGY
R
24
0
VA Energy register. Apparent power is accumulated over time in
this read-only register. Bit 7 to 3 of the VAMODE register deter-
mines, how the Apparent energy is processed from the six Analog
inputs - see Table XV.
05h
RVAENERGY R
24
0
Same as the VAENERGY register except that the register is reset
to zero following a read operation.
06h
LVAENERGY R
24
0
Apparent Energy register. The instantaneous Apparent power is
accumulated in this read-only register over the LINCYC number
of half line cycles. Bit 2 to 0 of the VAMODE register determines
how the Apparent energy is processed from the six Analog inputs
- see Table XV.
07h
PERIOD
R
15
0
Period of the line input estimated by Zero-crossing processing.
Data bits 0 to 1 and 4 to 6 of the MMODE register determines
the voltage channel used for Period calculation - see table XII.
08h
TEMP
R
8
0
Temperature register. This register contains the result of the lat-
est temperature conversion. Please refer to Temperature Measurement
section on this datasheet for details on how to interpret the con-
tent of this register.
09h
WFORM
R
24
0
Waveform register. This register contains the digitized waveform
of one of the six analog inputs.
The source is selected by data
bits 0 to 2 in the WAVMode register - see Table XIII.
0Ah
OPMODE
R / W
8
4
Operational Mode Register. This register defines the general
configuration of the ADE7754. See Table IX.
0Bh
MMODE
R / W
8
70h
Measurement Mode register. This register defines the channel
used for Period and Peak detection measurements. See Table XII.
0Ch
WAVMODE
R / W
8
0
Waveform Mode register. This register defines the channel and
the sampling frequency used in Waveform sampling mode. See
Table XIII.
0Dh
WATMODE
R / W
8
3Fh
This register configures the formula applied for the Active Energy
and Line active energy measurements. See Table XIV.
0Eh
VAMODE
R / W
8
3Fh
This register configures the formula applied for the Apparent
Energy and Line Apparent Energy measurements. See Table XV.
0Fh
MASK
R / W
16
0
IRQ Mask register. It determines if an interrupt event will gener-
ate an active-low output at IRQ pin - see Table XVI.
10h
STATUS
R
16
0
IRQ Status register. This register contains information regarding
the source of ADE7754 interrupts - see Table XVII.
11h
RSTATUS
R
16
0
Same as the STATUS register. Except that its contents are reset
to zero (all flags cleared) after a read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com