Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 34Page - Analog Devices ADE7754 Datasheet HTML 35Page - Analog Devices ADE7754 Datasheet HTML 36Page - Analog Devices ADE7754 Datasheet HTML 37Page - Analog Devices ADE7754 Datasheet HTML 38Page - Analog Devices ADE7754 Datasheet HTML 39Page - Analog Devices ADE7754 Datasheet HTML 40Page - Analog Devices ADE7754 Datasheet HTML 41Page - Analog Devices ADE7754 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 38 –
Operational Mode Register (0Ah)
The general configuration of the ADE7754 is defined by writing to the OPMODE register. Table IX below summarizes the
functionality of each bit in the OPMODE register .
Table IX OPMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0
DISHPF
0
The HPF (High Pass Filter) in all current channel inputs are disabled when this bit is set.
1
DISLPF
0
The LPFs (Low Pass Filter) in all current channel inputs are disabled when this bit is set.
2
DISCF
1
The Frequency output CF is disabled when this bit is set.
3-5
DISMOD
0
By setting these bits, ADE7754’s A/D converters can be turned off. In normal operation,
these bits should be left at logic zero.
DISMOD2 DISMOD1 DISMOD0
0
0
0
Normal operation
1
0
0
Normal operation, by setting this bit to logic 1 the
analog inputs to current channel are connected to the ADC
for voltage channel and the analog inputs to voltage
channel are connected to the ADC for current channel
0
0
1
Current channel A/D converters OFF
1
0
1
Current channel A/D converters OFF + chan
nels swapped
0
1
0
Voltage Channel A/D converters OFF
1
1
0
Voltage Channel A/D converters OFF + chan
nels swapped
0
1
1
ADE7754 in Sleep Mode
1
1
1
ADE7754 powered down
6
SWRST
0
Software chip reset. A data transfer to the ADE7754 should not take place for at least 18µs
after a software reset.
7
RESERVED -
This is intended for factory testing only and should be left at zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com