Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7754
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7754 Datasheet HTML 26Page - Analog Devices ADE7754 Datasheet HTML 27Page - Analog Devices ADE7754 Datasheet HTML 28Page - Analog Devices ADE7754 Datasheet HTML 29Page - Analog Devices ADE7754 Datasheet HTML 30Page - Analog Devices ADE7754 Datasheet HTML 31Page - Analog Devices ADE7754 Datasheet HTML 32Page - Analog Devices ADE7754 Datasheet HTML 33Page - Analog Devices ADE7754 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 30 –
The total apparent power calculated by the ADE7754 in the
Line accumulation mode depends on the configuration of the
VAMOD bits in the VAMode register. Each term of the
formula can be disabled or enabled by the LVASEL bits of
the VAMode register. The different configurations are de-
scribed in Table VI.
VA-
VASEL0
VASEL1
VASEL2
MOD
0d
VArms x IArms + VBrms x IBrms
+ VCrms x ICrms
1d
VArmsxIArms
+(VArms+VCrms)/2xIBrms + VCrms x ICrms
2d
VArms x IArms + VArms x IBrms
+ VCrms x ICrms
Table VI -Total Line Apparent Energy calculation
The Line Apparent Energy accumulation uses the same
signal path as the Apparent Energy accumulation. The LSB
size of these two registers is equivalent.
The ADE7754 accumulates the Total Reactive Power signal
in the LAENERGY register. This mode is selected by setting
to logic one bit5 of the WAVMode register (Add. 0Ch).
When this bit is set the accumulation of the Active Energy
over half line cycles in the LAENERGY register is disabled
and is done instead in the LVAENERGY register. In this
mode, the accumulation of the Apparent Energy over half line
cycles in the LVAENERGY is no-longer available - see
Figure 31. As the LVAENERGY register is an unsigned
value, the accumulation of the active energy in the
LVAENERGY register is unsigned. In this mode (reactive
energy), the selection of the phases accumulated in the
LAENERGY and LVAENERGY registers is done by the
LWATSEL selection bits of the WATMode register.
ENERGIES SCALING
The ADE7754 provides measurements of the Active, Reac-
tive and Apparent energies. These measurements do not have
the same scaling and cannot be compared directly to each
others.
When measuring the different energies with the ADE7754
with 50Hz signals at different power factor, the ratio between
the energies is:
PF=1
PF=0.707
PF=0
Active
W h
Wh x 0.707
0
Energy
Reactive
0
Wh x 0.707 / 9.546
Wh / 9.546
Energy
Apparent Wh / 3.657
Wh / 3.657
Wh / 3.657
Energy
CHECK SUM REGISTER
The ADE7754 has a check sum register (CHECKSUM[5:0])
to ensure the data bits received in the last serial read
operation are not corrupted. The 6-bit Checksum register is
reset before the first bit (MSB of the register to be read) is
put on the DOUT pin. During a serial read operation, when
each data bit becomes available on the rising edge of SCLK,
the bit will be added to the Checksum register. In the end of
the serial read operation, the content of the Checksum
register will equal to the sum of all ones in the register
previously read. Using the Checksum register, the user can
determine if an error has occurred during the last read
operation.
Note that a read to the Checksum register will also generate
a checksum of the Checksum register itself.
CONTENT OF REGISTER (n-bytes)
DOUT
Σ
CHECKSUM REGISTER ADDR: 3EH
Figure 38 - Checksum register for Serial Interface Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com