Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 67Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 68Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 72Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 195 page
background image
71
AT89C51CC03
4182I–CAN–06/05
Mode 2 (8-bit Timer with Auto-
Reload)
Mode 2 configures Timer 0 as an 8-bit Timer (TL0 register) that automatically reloads
from TH0 register (see Figure 37). TL0 overflow sets TF0 flag in TCON register and
reloads TL0 with the contents of TH0, which is preset by software. When the interrupt
request is serviced, hardware clears TF0. The reload leaves TH0 unchanged. The next
reload value may be changed at any time by writing it to TH0 register.
Figure 37. Timer/Counter x (x = 0 or 1) in Mode 2
Mode 3 (Two 8-bit Timers)
Mode 3 configures Timer 0 such that registers TL0 and TH0 operate as separate 8-bit
Timers (see Figure 38). This mode is provided for applications requiring an additional 8-
bit Timer or Counter. TL0 uses the Timer 0 control bits C/T0# and GATE0 in TMOD reg-
ister, and TR0 and TF0 in TCON register in the normal manner. TH0 is locked into a
Timer function (counting FPER /6) and takes over use of the Timer 1 interrupt (TF1) and
run control (TR1) bits. Thus, operation of Timer 1 is restricted when Timer 0 is in mode
3.
Figure 38. Timer/Counter 0 in Mode 3: Two 8-bit Counters
TRx
TCON reg
TFx
TCON reg
0
1
GATEx
TMOD reg
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD reg
TLx
(8 bits)
THx
(8 bits)
INTx#
Tx
FTx
CLOCK
÷ 6
See the “Clock” section
TR0
TCON.4
TF0
TCON.5
INT0#
0
1
GATE0
TMOD.3
Overflow
Timer 0
Interrupt
Request
C/T0#
TMOD.2
TL0
(8 bits)
TR1
TCON.6
TH0
(8 bits)
TF1
TCON.7
Overflow
Timer 1
Interrupt
Request
T0
FTx
CLOCK
÷ 6
FTx
CLOCK
÷ 6
See the “Clock” section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com