Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 75Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 195 page
background image
79
AT89C51CC03
4182I–CAN–06/05
Registers
Table 36. T2CON Register
T2CON (S:C8h)
Timer 2 Control Register
Reset Value = 0000 0000b
Bit addressable
76
543
210
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
Bit
Number
Bit
Mnemonic Description
7TF2
Timer 2 Overflow Flag
TF2 is not set if RCLK=1 or TCLK = 1.
Must be cleared by software.
Set by hardware on timer 2 overflow.
6
EXF2
Timer 2 External Flag
Set when a capture or a reload is caused by a negative transition on T2EX pin if
EXEN2=1.
Set to cause the CPU to vector to timer 2 interrupt routine when timer 2 interrupt
is enabled.
Must be cleared by software.
5
RCLK
Receive Clock bit
Clear to use timer 1 overflow as receive clock for serial port in mode 1 or 3.
Set to use timer 2 overflow as receive clock for serial port in mode 1 or 3.
4TCLK
Transmit Clock bit
Clear to use timer 1 overflow as transmit clock for serial port in mode 1 or 3.
Set to use timer 2 overflow as transmit clock for serial port in mode 1 or 3.
3
EXEN2
Timer 2 External Enable bit
Clear to ignore events on T2EX pin for timer 2 operation.
Set to cause a capture or reload when a negative transition on T2EX pin is
detected, if timer 2 is not used to clock the serial port.
2TR2
Timer 2 Run Control bit
Clear to turn off timer 2.
Set to turn on timer 2.
1C/T2#
Timer/Counter 2 Select bit
Clear for timer operation (input from internal clock system: FOSC).
Set for counter operation (input from T2 input pin).
0CP/RL2#
Timer 2 Capture/Reload bit
If RCLK=1 or TCLK=1, CP/RL2# is ignored and timer is forced to auto-reload on
timer 2 overflow.
Clear to auto-reload on timer 2 overflows or negative transitions on T2EX pin if
EXEN2=1.
Set to capture on negative transitions on T2EX pin if EXEN2=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com