Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 75Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 195 page
background image
77
AT89C51CC03
4182I–CAN–06/05
Timer 2
The AT89C51CC03 timer 2 is compatible with timer 2 in the 80C52.
It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2
and TL2 that are cascade- connected. It is controlled by T2CON register (See Table )
and T2MOD register (See Table 38). Timer 2 operation is similar to Timer 0 and Timer
1. C/T2 selects FT2 clock/6 (timer operation) or external pin T2 (counter operation) as
timer clock. Setting TR2 allows TL2 to be incremented by the selected input.
Timer 2 includes the following enhancements:
•
Auto-reload mode (up or down counter)
•
Programmable clock-output
Auto-Reload Mode
The auto-reload mode configures timer 2 as a 16-bit timer or event counter with auto-
matic reload. This feature is controlled by the DCEN bit in T2MOD register (See
Table 38). Setting the DCEN bit enables timer 2 to count up or down as shown in
Figure 40. In this mode the T2EX pin controls the counting direction.
When T2EX is high, timer 2 counts up. Timer overflow occurs at FFFFh which sets the
TF2 flag and generates an interrupt request. The overflow also causes the 16-bit value
in RCAP2H and RCAP2L registers to be loaded into the timer registers TH2 and TL2.
When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the
timer registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers.
The underflow sets TF2 flag and reloads FFFFh into the timer registers.
The EXF2 bit toggles when timer 2 overflow or underflow, depending on the direction of
the count. EXF2 does not generate an interrupt. This bit can be used to provide 17-bit
resolution.
Figure 40. Auto-Reload Mode Up/Down Counter
(DOWN COUNTING RELOAD VALUE)
TF2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
:6
T2CONreg
T2CONreg
T2EX:
1=UP
2=DOWN
0
1
CT/2
T2CON.1
TR2
T2CON.2
FT2
CLOCK
see section “Clock”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com