Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 50Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 195 page
background image
49
AT89C51CC03
4182I–CAN–06/05
Table 16. Programming Spaces
Notes: 1. The sequence 5xh and Axh must be executing without instructions between them
otherwise the programming is not executed (see Flash Status Register)
2. The sequence 5xh and Axh must be executed with the same FMOD0 FMOD1
configuration.
3. Interrupts that may occur during programming time must be disabled to avoid any
spurious exit of the programming mode.
Status of the Flash Memory
The bit FBUSY in FCON register is used to indicate the status of programming.
FBUSY is set when programming is in progress.
The flash programming process is launched the second machine cycle following the
sequence 5xh and Axh in FCON. Thus the FBUSY flag should be read by sofware not
during the insctruction after the 5xh, Axh sequence but the the second instruction after
the 5xh, Axh sequence in FCON (See next example). FBUSY is cleared when the pro-
gramming is completed.
;*F*************************************************************************
;* NAME: launch_prog
;;***************************************************************************
launch_prog:
MOV FCON, #050h
MOV FCON #0A0h ; Flash Write Sequence
NOP
;Required time before reading busy flag
wait_busy:
MOV A,FCON
JB ACC.0,wait_busy
RET
Selecting FM1
The bit ENBOOT in AUXR1 register is used to map FM1 from F800h to FFFFh.
Loading the Column Latches
Any number of data from 1-byte to 128 Bytes can be loaded in the column latches. This
provides the capability to program the whole memory by byte, by page or by any number
of Bytes in a page. Data written in the column latches do not have to be in consecutive
Write to FCON
Operation
FPL3:0
FPS
FMOD1
FMOD0
User
5
X
0
0
No action
AX
0
0
Write the column latches in user
space
Extra Row
5
X
0
1
No action
AX
0
1
Write the column latches in extra row
space
Hardware
Security
Byte
5
X
1
0
No action
A
X
1
0
Write the fuse bits space
Reset
Columns
Latches
5
X
1
1
No action
A
X
1
1
Reset the column latches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com