Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 64Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 65Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 66Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 67Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 68Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 195 page
background image
68
AT89C51CC03
4182I–CAN–06/05
Table 29. PCON Register
PCON (S:87h)
Power Control Register
Reset Value = 00X1 0000b
Not bit addressable
76
543
210
SMOD1
SMOD0
–
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic Description
7SMOD1
Serial port Mode bit 1
Set to select double baud rate in mode 1, 2 or 3.
6SMOD0
Serial port Mode bit 0
Clear to select SM0 bit in SCON register.
Set to select FE bit in SCON register.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4POF
Power-Off Flag
Clear to recognize next reset type.
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set
by software.
3GF1
General-purpose Flag
Cleared by user for general-purpose usage.
Set by user for general-purpose usage.
2GF0
General-purpose Flag
Cleared by user for general-purpose usage.
Set by user for general-purpose usage.
1PD
Power-Down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com