Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 84Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 85Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 86Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 87Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 195 page
background image
84
AT89C51CC03
4182I–CAN–06/05
Watchdog Timer During
Power-down Mode and
Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode, the user does not need to service the WDT. There are 2 methods of
exiting Power-down mode: by a hardware reset or via a level activated external interrupt
which is enabled prior to entering Power-down mode. When Power-down is exited with
hardware reset, the Watchdog is disabled. Exiting Power-down with an interrupt is sig-
nificantly different. The interrupt shall be held low long enough for the oscillator to
stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent the
WDT from resetting the device while the interrupt pin is held low, the WDT is not started
until the interrupt is pulled high. It is suggested that the WDT be reset during the inter-
rupt service for the interrupt used to exit Power-down.
To ensure that the WDT does not overflow within a few states of exiting powerdown, it is
best to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting
AT89C51CC03 while in Idle mode, the user should always set up a timer that will period-
ically exit Idle, service the WDT, and re-enter Idle mode.
Register
Table 44. WDTPRG Register
WDTPRG (S:A7h)
Watchdog Timer Duration Programming Register
Reset Value = XXXX X000b
76
543
210
–
–
–
–
–
S2
S1
S0
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2S2
Watchdog Timer Duration selection bit 2
Work in conjunction with bit 1 and bit 0.
1S1
Watchdog Timer Duration selection bit 1
Work in conjunction with bit 2 and bit 0.
0S0
Watchdog Timer Duration selection bit 0
Work in conjunction with bit 1 and bit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com