Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 195 page
background image
103
AT89C51CC03
4182I–CAN–06/05
CAN Autobaud and
Listening Mode
To activate the Autobaud feature, the AUTOBAUD bit in the CANGCON register must
be set. In this mode, the CAN controller is only listening to the line without acknowledg-
ing the received messages. It cannot send any message. The error flags are updated.
The bit timing can be adjusted until no error occurs (good configuration find).
In this mode, the error counters are frozen.
To go back to the standard mode, the AUTOBAUD bit must be cleared.
Figure 56. Autobaud Mode
Routines Examples
1. Init of CAN macro
// Reset the CAN macro
CANGCON = 01h;
// Disable CAN interrupts
ECAN = 0;
ETIM = 0;
// Init the Mailbox
for num_page =0; num_page <15; num_page++
{
CANPAGE = num_channel << 4;
CANCONCH = 00h
CANSTCH = 00h;
CANIDT1 = 00h;
CANIDT2 = 00h;
CANIDT3 = 00h;
CANIDT4 = 00h;
CANIDM1 = 00h;
CANIDM2 = 00h;
CANIDM3 = 00h;
CANIDM4 = 00h;
for num_data =0; num_data <8; num_data++)
{
CANMSG = 00h;
}
}
// Configure the bit timing
CANBT1 = xxh
CANBT2 = xxh
CANBT3 = xxh
0
1
TxDC
RxDC’
AUTOBAUD
CANGCON.3
RxDC
TxDC’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com