Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 195 page
background image
108
AT89C51CC03
4182I–CAN–06/05
Table 49. CANGSTA Register
CANGSTA (S:AAh)
CAN General Status Register
Note:
1. These fields are Read Only.
Reset Value = x0x0 0000b
76
543
210
-
OVFG
-
TBSY
RBSY
ENFG
BOFF
ERRP
Bit
Number
Bit Mnemonic Description
7-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
6OVFG
Overload Frame Flag(1)
This status bit is set by the hardware as long as the produced overload frame
is sent.
This flag does not generate an interrupt
5-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
4
TBSY
Transmitter Busy(1)
This status bit is set by the hardware as long as the CAN transmitter
generates a frame (remote, data, overload or error frame) or an ack field. This
bit is also active during an InterFrame Spacing if a frame must be sent.
This flag does not generate an interrupt.
3
RBSY
Receiver Busy(1)
This status bit is set by the hardware as long as the CAN receiver acquires or
monitors a frame.
This flag does not generate an interrupt.
2ENFG
Enable On-chip CAN Controller Flag(1)
Because an enable/disable command is not effective immediately, this status
bit gives the true state of a chosen mode.
This flag does not generate an interrupt.
1BOFF
Bus Off Mode(1)
see Figure 53
0ERRP
Error Passive Mode(1)
see Figure 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com