Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 119Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 120Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 121Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 122Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 195 page
background image
119
AT89C51CC03
4182I–CAN–06/05
Table 65. CANSTCH Register
CANSTCH (S:B2h)
CAN Message Object Status Register
Note:
See Figure 50.
No default value after reset.
76
543
210
DLCW
TXOK
RXOK
BERR
SERR
CERR
FERR
AERR
Bit
Number
Bit Mnemonic Description
7DLCW
Data Length Code Warning
The incoming message does not have the DLC expected. Whatever the frame
type, the DLC field of the CANCONCH register is updated by the received
DLC.
6TXOK
Transmit OK
The communication enabled by transmission is completed.
When the controller is ready to send a frame, if two or more message objects
are enabled as producers, the lower index message object (0 to 13) is
supplied first.
This flag can generate an interrupt.
5RXOK
Receive OK
The communication enabled by reception is completed.
In the case of two or more message object reception hits, the lower index
message object (0 to 13) is updated first.
This flag can generate an interrupt.
4
BERR
Bit Error (Only in Transmission)
The bit value monitored is different from the bit value sent.
Exceptions:
the monitored recessive bit sent as a dominant bit during the arbitration field
and the acknowledge slot detecting a dominant bit during the sending of an
error frame.
This flag can generate an interrupt.
3
SERR
Stuff Error
Detection of more than five consecutive bits with the same polarity.
This flag can generate an interrupt.
2CERR
CRC Error
The receiver performs a CRC check on each destuffed received message
from the start of frame up to the data field.
If this checking does not match with the destuffed CRC field, a CRC error is
set.
This flag can generate an interrupt.
1FERR
Form Error
The form error results from one or more violations of the fixed form in the
following bit fields:
CRC delimiter
acknowledgment delimiter
end_of_frame
This flag can generate an interrupt.
0
AERR
Acknowledgment Error
No detection of the dominant bit in the acknowledge slot.
This flag can generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com