Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 166Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 167Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 168Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 169Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 170Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 171Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 172Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 195 page
background image
169
AT89C51CC03
4182I–CAN–06/05
Notes: 1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 81.), VIL =
VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used (see Figure
78.).
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see Figure 79.).
3. Power-down ICC is measured with all output pins disconnected; EA = VCC, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 80.). In addition, the WDT must be inactive and the POF flag must be set.
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1
and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2, 3 and 4: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
VOH
Output High Voltage, ports 1, 2, 3, and 4
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 µA
IOH = -30 µA
IOH = -60 µA
VCC = 3V to 5.5V
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
VCC = 5V ± 10%
RRST
RST Pulldown Resistor
20
100
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
µA
Vin = 0.45V
ILI
Input Leakage Current
±10
µA
0.45V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
µA
Vin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power-down Current Industrial
75
150
µA3V < V
CC < 5.5V
(3)
Power-down Current Automotive
100
350
µA3V < V
CC < 5.5V
(3)
ICC
Power Supply Current
ICCOP = 0.4 Frequency (MHz) + 8
ICCIDLE = 0.2 Frequency (MHz) + 8
mA
Vcc = 5.5V(1)(2)
ICCWRITE
Power Supply Current on flash or EEdata write
0.8 x
Frequency
(MHz) + 15
mA
VCC = 5.5V
Table 116. DC Parameters in Standard Voltage (Continued)
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com