Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 173Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 174Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 175Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 176Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 177Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 178Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 179Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 180Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 195 page
background image
177
AT89C51CC03
4182I–CAN–06/05
Table 125. AC Parameters for a Fix Clock (F = 40 MHz)
Table 126. AC Parameters for a Variable Clock
Shift Register Timing
Waveforms
External Clock Drive
Characteristics (XTAL1)
Table 127. AC Parameters
Symbol
Min
Max
Units
TXLXL
300
ns
TQVHX
200
ns
TXHQX
30
ns
TXHDX
0ns
TXHDV
117
ns
Symbol
Type
Standard
Clock
X2 Clock
X parameter
for -M range
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
ns
TXHQX
Min
2 T - x
T - x
20
ns
TXHDX
Min
x
x
0
ns
TXHDV
Max
10 T - x
5 T- x
133
ns
VALID
VALID
VALID
VALID
VALID
VALID
INPUT DATA
VALID
01
234
5
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET RI
INSTRUCTION
0
1
2
345
67
VALID
Symbol
Parameter
Min
Max
Units
TCLCL
Oscillator Period
25
ns
TCHCX
High Time
5
ns
TCLCX
Low Time
5
ns
TCLCH
Rise Time
5
ns
TCHCL
Fall Time
5
ns
TCHCX/TCLCX Cyclic ratio in X2 mode
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com