Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 57Page - STMicroelectronics S2-LPQTR Datasheet HTML 58Page - STMicroelectronics S2-LPQTR Datasheet HTML 59Page - STMicroelectronics S2-LPQTR Datasheet HTML 60Page - STMicroelectronics S2-LPQTR Datasheet HTML 61Page - STMicroelectronics S2-LPQTR Datasheet HTML 62Page - STMicroelectronics S2-LPQTR Datasheet HTML 63Page - STMicroelectronics S2-LPQTR Datasheet HTML 64Page - STMicroelectronics S2-LPQTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
S2-LP
Link layer protocol
DocID029944 Rev 1
61/90
8
Link layer protocol
8.1
Automatic acknowledgment
The automatic acknowledgment embedded in the S2-LP allows the receiver to send back
to the transmitter an ACK packet to confirm the reception of a packet. The automatic
acknowledgement must be configured in receiver side by setting the register
AUTO_ACK = 1b.
In transmitter side, the ACK request must be set according the NACK field of the packet:
when the register NACK = 0b the NO_ACK field is ‘0’ that represents an ACK request.
Once the transmitter has sent a packet with an ACK request, it will wait for the ACK packet
using the usual RX configuration: so the RX timer must be set according to the data rate,
as well the receiver channel filter bandwidth and SQI. If the transmitter does not receive
any ACK packet when it must, the packet transmitted is considered lost, and there is no
TX_DATA_SENT IRQ notification.
The ACK packet sent is formatted as follows:
The destination address field shall be set equal to the source address field of the
received packet.
The source address field shall be filled with content of register TX_SOURCE_ADDR.
The sequence number of the ACK packet will be the same as the received packet.
The control field shall be set accordingly to any pre-negotiated configuration.
The main controller shall check if the PIGGYBACKING bit flag is set:
If it is set, it will check if there is any data in the TX FIFO: if found, it shall be
transmitted in the payload field
If any of the above checks fail, no payload shall be transmitted: an empty packet is
sent which contains only the source and destination addresses and the sequence
number of the packet being acknowledged. Anyway, the TX FIFO will be read at list
once, consequently generating an underflow condition in case of empty FIFO. To clear
the FIFO, a FLUSHTXFIFO command is needed.
The NO_ACK flag shall be set to ei
ther to ‘1’ (no explicit acknowledgment).
An ACK packet is considered receiveda if and only if it is not discarded for RX
timeout, or filtered and its sequence number match that of the sent packet.
If the automatic acknowledgment is enabled (receiver side), the TX command is not
supported and must not be used.
In case of packet with fixed payload length, since the ‘empty packet’ will not contain any
payload (as PIGGYBACKING bit is not set), the receiver could not be able to de-frame the
packet. So the packet option having fixed payload length but no piggybacking is not
supported by S2-LP.
The S2-LP device cannot operate at the same time in Auto-Acknowledge and Auto-Re-TX
modes (only one at a time).
The automatic acknowledgement is supported only for STack packet format.
a There is no explicit way to signal that a packet is an ACK packet or not. If, after having sent a packet requiring
acknowledgement, the transmitter receives a packet from the receiver with the same sequence number, it shall
assume that this is an ACK packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com