Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 9Page - STMicroelectronics S2-LPQTR Datasheet HTML 10Page - STMicroelectronics S2-LPQTR Datasheet HTML 11Page - STMicroelectronics S2-LPQTR Datasheet HTML 12Page - STMicroelectronics S2-LPQTR Datasheet HTML 13Page - STMicroelectronics S2-LPQTR Datasheet HTML 14Page - STMicroelectronics S2-LPQTR Datasheet HTML 15Page - STMicroelectronics S2-LPQTR Datasheet HTML 16Page - STMicroelectronics S2-LPQTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
S2-LP
Typical application diagram and pin description
DocID029944 Rev 1
13/90
Components
SMPS ON
SMPS OFF
Description
L3, L5, L6
X
X
RX balun/matching inductors
XTAL
X
X
Crystal
3.1
Pin diagram
Figure 4: Pin diagram, 4 mm x 4 mm QFN24 package
3.2
Pin description
Table 3: Pinout
N.
Pin name
Pin type
Description
1
VDD
SMPS
Power
1.8 V to 3.6 V analog power supply for SMPS only.
2
SMPS1
Analog out
1.1 V to 1.8 V SMPS regulator output to be externally filtered.
3
SMPS2
Analog in
1.1 V to 1.8 V SMPS voltage input after LC filtering applied to
SMPS1 output.
4
XOUT
Analog out
Crystal oscillator output. Connect to an external crystal or leave
floating if driving the XIN pin with an external clock source.
5
XIN
Analog in
Crystal oscillator input. Connect to an external crystal or to an
external clock source. If using an external clock source, DC
coupling with a minimum 0.2 VDC level is recommended and
minimum AC amplitude of 400 mVpp (however, the instantaneous
level at input cannot exceed the 0
– 1.4 V range).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com