Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 25Page - STMicroelectronics S2-LPQTR Datasheet HTML 26Page - STMicroelectronics S2-LPQTR Datasheet HTML 27Page - STMicroelectronics S2-LPQTR Datasheet HTML 28Page - STMicroelectronics S2-LPQTR Datasheet HTML 29Page - STMicroelectronics S2-LPQTR Datasheet HTML 30Page - STMicroelectronics S2-LPQTR Datasheet HTML 31Page - STMicroelectronics S2-LPQTR Datasheet HTML 32Page - STMicroelectronics S2-LPQTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
29/90
It is recommended to drive the SDN pin correctly to guarantee a correct battery profile.
5.3
RF synthesizer
A crystal connected to XIN and XOUT provides a clock signal to the frequency synthesizer.
The allowed clock signal frequency is either 24, 25, 26, 48, 50, or 52 MHz.
As an alternative, an external clock signal feeds XIN for proper operation. In this option,
XOUT can be left either floating or tied to ground.
Since the digital macro cannot be clocked at that double frequency (48, 50 or 52 MHz), a
divided clock is used in this case (see Section 4.7: "Crystal oscillator").
The integrated phase locked loop (PLL) is capable to synthesize a band of frequencies
from 430 to 470 MHz or from 860 to 940 MHz, providing the LO signal for the RX chain and
the input signal for the PA in the TX chain.
Frequency tolerance and startup times depend on the crystal used, although some tuning
of the latter parameter is possible through registers from 13.2 mS to 43 mS.
Depending on the RF frequency and channel used, a very high accurate crystal or TCXO
can be required.
The RF synthesizer implements fractional sigma delta architecture to allow fast settling and
narrow channel spacing. It is fully integrated, and it uses a multi-band VCO to cover the
whole frequency range. All internal calibrations are automatic.
According to the frequency synthesized the user must set the charge pump current
according to the LO frequency variations, in order to have a constant loop bandwidth. The
charge pump current is controlled by the PLL_CP_ISEL field (SYNT3 register) and the
PLL_PFD_SPLIT_EN (SYNTH_CONFIG2). These fields should be set in the following way:
Table 34: Charge pump words
VCO Freq (MHz)
fxo (MHz)
PLL_CP_ISEL
PLL_PFD_SPLIT_EN
ICP (μA)
3760
50
010
0
120
3760
25
001
1
200
3460
50
011
0
140
3460
25
010
1
240
The S2-LP provides an automatic and very fast calibration procedure for the frequency
synthesizer. If not disabled, it performs the calibration each time the synthesizer is required
to lock to the programmed RF channel frequency (transaction from READY to
LOCK/TX/RX or from RX to TX and vice versa). After completion, the S2-LP uses the
calibration word and is stored in registers.
In order to get the synthesizer locked with the calibration procedure disabled, the correct
calibration words must be previously stored in registers by user for TX and RX respectively.
The advantage is reduce the LOCK setting time.
The transition time enables the S2-LP for frequency hopping operation due to its reduced
response time and very quick programming synthesizer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com