Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 37Page - STMicroelectronics S2-LPQTR Datasheet HTML 38Page - STMicroelectronics S2-LPQTR Datasheet HTML 39Page - STMicroelectronics S2-LPQTR Datasheet HTML 40Page - STMicroelectronics S2-LPQTR Datasheet HTML 41Page - STMicroelectronics S2-LPQTR Datasheet HTML 42Page - STMicroelectronics S2-LPQTR Datasheet HTML 43Page - STMicroelectronics S2-LPQTR Datasheet HTML 44Page - STMicroelectronics S2-LPQTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
41/90
by the device on the falling edge of such clock signal so the MCU must read it during
falling edge of CLK.
5.5.8
Receiver quality indicators
5.5.8.1
RSSI
The received signal strength indicator (RSSI) is a measurement of the received signal
power at the antenna measured in the channel filter bandwidth. The measured RSSI is in
steps of 1 dB, from 0 to 255 (1 byte value) and it is offset in such a way that the number 0
corresponds to -146 dBm, so the register value can be converted in dBm by subtracting
146. Laboratory calibration may be needed for accurate absolute power measurements.
The RSSI value can be read through two registers: RSSI_LEVEL_CAPTURE and
RSSI_LEVEL_RUN. In particular RSSI_LEVEL_CAPTURE reports the RSSI value
captured at the end of the SYNC word detection, exit from RX state by SABORT command
or RX timeout expiration, while RSSI_LEVEL_RUN is the continuous output of the RSSI
filter. The last mode supports the continuous fast SPI reading that means if the CSn signal,
of the SPI interface, is kept low, after the first 16 bits (S2-LP status register), then a new
RSSI value will be available every 8 SPI clock cycles (this mode is the same of the SPI
burst mode, but no automatic address increment).
5.5.8.2
Carrier sense
The carrier sense functionality can be used to detect if any RF signal is being received, the
detection is based on the measured RSSI value. There are two operational modes for
carrier sensing: static and dynamic carrier sensing.
When static carrier sensing is used (CS_MODE = 0), the carrier sense signal is asserted
when the measured RSSI is above the value specified in the RSSI_TH register and is de-
asserted when the RSSI falls 3 dB below the same threshold.
When dynamic carrier sense is used (CS_MODE = 1, 2, 3), the carrier sense signal is
asserted if the signal is above the threshold and a fast power increase of 6, 12 or 18 dB is
detected; it is de-asserted if a power fall of the same amplitude is detected.
The carrier sense signal is also used internally to the demodulator to start the automatic
frequency compensation and timing recovery algorithms and for the CSMA procedure (for
this usage in should be set CS_MODE = 0).
The carrier sense function is controlled by the following parameters:
RSSI threshold: this parameter sets the minimum signal power above which the
carrier sense signal is asserted (RSSI_TH register).
CS mode: this parameter controls the carrier sense operational modes.
Table 43: CS mode description
CS_MODE
Description
0
Static carrier sensing
1
Dynamic carrier sensing with 6 dB dynamic threshold
2
Dynamic carrier sensing with 12 dB dynamic threshold
3
Dynamic carrier sensing with 18 dB dynamic threshold
5.5.8.3
PQI
The preamble quality indicator (PQI) is intended to provide a measurement of the reliability
of the preamble detected. The PQI is increased by 1 every time a bit inversion occurs,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com