Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 35Page - STMicroelectronics S2-LPQTR Datasheet HTML 36Page - STMicroelectronics S2-LPQTR Datasheet HTML 37Page - STMicroelectronics S2-LPQTR Datasheet HTML 38Page - STMicroelectronics S2-LPQTR Datasheet HTML 39Page - STMicroelectronics S2-LPQTR Datasheet HTML 40Page - STMicroelectronics S2-LPQTR Datasheet HTML 41Page - STMicroelectronics S2-LPQTR Datasheet HTML 42Page - STMicroelectronics S2-LPQTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
39/90
5.5.3.2
PLL mode
The PLL algorithm tracks the phase error of the local timing generator relative to received
bit period and controls both frequency and phase to achieve the timing lock. Once that the
relative period error has been estimated and corrected for example during the preamble
phase, then even in presence of long sequences of zeroes or ones, the loop is able to keep
lock.
In order to improve the performance of the algorithm, two sets of gain coefficients can be
configured to be used before and after the sync word detection.
In particular, CLK_REC_I_GAIN_FAST and CLK_REC_P_GAIN_FAST are used before
the SYNC while CLK_REC_I_GAIN_SLOW and CLK_REC_P_GAIN_SLOW are used after
the SYNC detection.
5.5.4
RX channel filter bandwidth
The bandwidth of the receiver channel filter is programmable from 1 kHz to 800 kHz. The
setting goes through the register CHFLT according to the following table.
Table 41: Channel filter words
E=0
E=1
E=2
E=3
E=4
E=5
E=6
E=7
E=8
E=9
M=0
800.1
450.9
224.7
112.3
56.1
28.0
14.0
7.0
3.5
1.8
M=1
795.1
425.9
212.4
106.2
53.0
26.5
13.3
6.6
3.3
1.7
M=2
768.4
403.2
201.1
100.5
50.2
25.1
12.6
6.3
3.1
1.6
M=3
736.8
380.8
190.0
95.0
47.4
23.7
11.9
5.9
3.0
1.5
M=4
705.1
362.1
180.7
90.3
45.1
22.6
11.3
5.6
2.8
1.4
M=5
670.9
341.7
170.6
85.3
42.6
21.3
10.6
5.3
2.7
1.3
M=6
642.3
325.4
162.4
81.2
40.6
20.3
10.1
5.1
2.5
1.3
M=7
586.7
294.5
147.1
73.5
36.7
18.4
9.2
4.6
2.3
1.2
M=8
541.4
270.3
135.0
67.5
33.7
16.9
8.4
4.2
2.1
1.1
The actual filter bandwidth for any digital clock frequency can be obtained by multiplying
the values in the tables below by the factor
����������������
26000000
. The bandwidth values are intended as
double-sided.
5.5.5
Intermediate frequency setting
The intermediate frequency (IF) can be tuned and be controlled by the registers
IF_OFFSET_ANA and IF_OFFSET_DIG and can be set as follows:
Equation 11 - Intermediate frequency
������������ =
������������
12
∙
(��������_�������������������������_������������ + 100)
211
=
����������������
12
∙
(��������_������������������������_������������ + 100)
211
where
������������ is the XTAL oscillator frequency and ���������������� is the digital clock frequency. The
recommended IF value is about 300 kHz.
5.5.6
RX timer management
The programmable RX timer used can be configured using quality indicator to avoid
unwanted interruption during a valid packet due to RX timer expiration. The quality
indicators used to stop the RX timer are SQI, CS and PQI. More specifically, AND or OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com