Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPQTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 41Page - STMicroelectronics S2-LPQTR Datasheet HTML 42Page - STMicroelectronics S2-LPQTR Datasheet HTML 43Page - STMicroelectronics S2-LPQTR Datasheet HTML 44Page - STMicroelectronics S2-LPQTR Datasheet HTML 45Page - STMicroelectronics S2-LPQTR Datasheet HTML 46Page - STMicroelectronics S2-LPQTR Datasheet HTML 47Page - STMicroelectronics S2-LPQTR Datasheet HTML 48Page - STMicroelectronics S2-LPQTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
45/90
Figure 8: Threshold in FIFO
The TX FIFO has two programmable thresholds (see figure above). An interrupt event
occurs when the data in the TX FIFO reaches any of these thresholds. The first threshold is
the “FIFO Almost Full” threshold, TX_AF_THR registers. The value in this field corresponds
to the desired threshold value in number of bytes + 2. When empty locations (free) amount
inside the TX FIFO reaches this threshold limit, an interrupt to the MCU is generated so it
can send a TX command to transmit the contents of the TX FIFO. The second threshold for
TX is the “FIFO Almost Empty” threshold, TX_AE_THR register. When the data being
shifted out of the TX FIFO reaches the Almost Empty threshold, an interrupt will be
generated also. The MCU could to switch out of TX mode or fill new data into the TX FIFO.
The RX FIFO has two programmable thresholds (see figure above). The first threshold is
the “FIFO Almost Full” threshold, RX_AF_THR0 registers. The value in this register
corresponds to the desired threshold value in number of bytes. When empty locations
(free) amount inside the RX FIFO reaches this threshold limit, an interrupt will be generated
to the MCU. The MCU should then start to read the data from the RX FIFO. The second
threshold for RX is the “FIFO Almost Empty” threshold, RX_AE_THR register. When the
data being shifted out of the RX FIFO reaches the Almost Empty threshold, an interrupt will
be generated also. The MCU will need to switch on RX mode to fill with new data the RX
FIFO or stop to read after the number of byte indicated by the RX_AE_THR register.
In order to enable the RX_FIFO thresholds interrupts, the bit FIFO_GPIO_OUT_MUX_SEL
(PROTOCOL2 register) must be set to 1. To enable the TX_FIFO thresholds interrupts the
FIFO_GPIO_OUT_MUX_SEL must be set to 0.
The FIFO controller will detect overflow or underflow in the RX FIFO and overflow or
underflow in the TX FIFO. It is the responsibility of the MCU to avoid TX FIFO overflow
since the MCU only can decide to writing on the TX FIFO. A TX FIFO overflow will result in
an error in the TX FIFO content, while an underflow results in the continuous transmission
of the last byte stored in the TX FIFO. Likewise, when reading the RX FIFO the MCU must
avoid reading the RX FIFO after its empty condition is reached, since a RX FIFO underflow
will result in an error in the data read out of the RX FIFO.
When an overflow or an underflow is detected, the MCU has to issue a SABORT and a
FLUSHTXFIFO/ FLUSHRXFIFO command before resuming the normal transceiver activity.
For each FIFO, when one of these errors is detected an interrupt will be generated to the
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com