Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 14 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 10Page - STMicroelectronics L2G2IS Datasheet HTML 11Page - STMicroelectronics L2G2IS Datasheet HTML 12Page - STMicroelectronics L2G2IS Datasheet HTML 13Page - STMicroelectronics L2G2IS Datasheet HTML 14Page - STMicroelectronics L2G2IS Datasheet HTML 15Page - STMicroelectronics L2G2IS Datasheet HTML 16Page - STMicroelectronics L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Application hints
L2G2IS
14/26
DocID027248 Rev 2
4
Application hints
Figure 4. L2G2IS electrical connections and external components
1. Leave pin electrically unconnected and soldered to PCB.
Power supply decoupling capacitors (100 pF + 1 μF) should be placed as near as possible
to the device (common design practice).
Table 8. External component values
Name
Value
Purpose
C1
1 μF
Decoupling
C2
100 pF
Decoupling
C3(1)
1. This value must guarantee a minimum of 1 nF value under 12 V bias condition.
10 nF (16 V class)
Charge pump
C4
100 nF (5 V class)
Internal regulator
AVdd
GND
C4
GND
C3
C1
C2
Vdd_IO
SCL
SDI/SDO
CS
13
8
6
9
1
4
16
BOTTOM
VIEW
SDO
1
5
GND
GND
GND
GND
GND
GND
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
Y
+Ω
+Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com