Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 18 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 14Page - STMicroelectronics L2G2IS Datasheet HTML 15Page - STMicroelectronics L2G2IS Datasheet HTML 16Page - STMicroelectronics L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Output register mapping
L2G2IS
18/26
DocID027248 Rev 2
6
Output register mapping
The table given below provides a listing of the 8-bit registers embedded in the device and
the related addresses.
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee the proper behavior of the device, all register addresses not listed in the above
table must not be accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 10. Register address map
Name
Type
Register
address
[Hex]
Default
[Hex]
Comment
WHO_AM_I
r
00
D9
TEMP_OUT_L
r
01
output
TEMP_OUT_H
r
02
output
OUT_X_L
r
03
output
OUT_X_H
r
04
output
OUT_Y_L
r
05
output
OUT_Y_H
r
06
output
Reserved
--
07-08
--
STATUS_REG
r
09
output
Reserved
--
0A
--
Reserved
CTRL_REG1
r/w
0B
00
CTRL_REG2
r/w
0C
00
CTRL_REG3
r/w
0D
00
Reserved
--
0E-0F
--
Reserved
ORIENT_CONFIG
r/w
10
00
OFF_X
r/w
11
00
OFF_Y
r/w
12
00
Reserved
--
13-1E
--
Reserved
CTRL_REG4
r/w
1F
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com