Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 1 Page - STMicroelectronics

  L2G2IS Datasheet HTML 1Page - STMicroelectronics L2G2IS Datasheet HTML 2Page - STMicroelectronics L2G2IS Datasheet HTML 3Page - STMicroelectronics L2G2IS Datasheet HTML 4Page - STMicroelectronics L2G2IS Datasheet HTML 5Page - STMicroelectronics L2G2IS Datasheet HTML 6Page - STMicroelectronics L2G2IS Datasheet HTML 7Page - STMicroelectronics L2G2IS Datasheet HTML 8Page - STMicroelectronics L2G2IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
February 2016
DocID027248 Rev 2
1/26
L2G2IS
MEMS motion sensor:
ultra-compact two-axis gyroscope for optical image stabilization
Datasheet
- production data
Features
 ±100 dps / ±200 dps full-scale range
 Wide supply voltage range: 1.71 V to 3.6 V
 Low-voltage compatible IOs
 3- and 4-wire SPI digital interface
 Embedded temperature sensor
 Embedded self-test
 Integrated low- and high-pass filters with user-
selectable bandwidth
 Power-down and sleep modes for smart power
saving
 ECOPACK®, RoHS and “Green” compliant
Applications
 Optical image stabilization
Description
The L2G2IS is a two-axis MEMS gyroscope for
optical image stabilization applications.
It includes a sensing element and an IC interface
capable of providing the measured angular rate to
the application through an SPI digital interface.
The unique sensing element is manufactured
using a dedicated micromachining process
developed by STMicroelectronics to produce
inertial sensors and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the characteristics of the sensing
element.
The L2G2IS is available in a plastic land grid
array (LGA) package and can operate over a
temperature range of -40 °C to +85 °C.
Table 1. Device summary
Order code
Temperature range (°C)
Package
Packing
L2G2IS
-40 to +85
LGA-16 (2.3x2.3x0.7 mm)
Tray
L2G2ISTR
-40 to +85
LGA-16 (2.3x2.3x0.7 mm)
Tape and reel
www.st.com


Similar Part No. - L2G2IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
L2G3ISTR STMICROELECTRONICS-L2G3ISTR Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
More results

Similar Description - L2G2IS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
STMicroelectronics
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
Embedded temperature sensor
14-Dec-2015
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LSM6DS0 STMICROELECTRONICS-LSM6DS0 Datasheet
1Mb / 59P
Embedded temperature sensor
03-Nov-2014
LSM303D STMICROELECTRONICS-LSM303D Datasheet
1Mb / 52P
Embedded temperature sensor
05-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com