Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 19 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 15Page - STMicroelectronics L2G2IS Datasheet HTML 16Page - STMicroelectronics L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics L2G2IS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID027248 Rev 2
19/26
L2G2IS
Register description
26
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
angular rate data. The register address, consisting of 7 bits, is used to identify them and to
write the data through the serial interface.
7.1
WHO_AM_I (00h)
7.2
TEMP_OUT_L (01h), TEMP_OUT_H (02h)
7.3
OUT_X_L (03h), OUT_X_H (04h)
X-axis angular rate data. The value is expressed as two’s complement.
7.4
OUT_Y_L (05h), OUT_Y_H (06h)
Y-axis angular rate data. The value is expressed as two’s complement.
7.5
STATUS_REG (09h)
Table 11. WHO_AM_I register
11011001
Table 12. TEMP_OUT_L register
Temp3
Temp2
Temp1
Temp0
0
0
0
0
Table 13. TEMP_OUT_H register
Temp11
Temp10
Temp9
Temp8
Temp7
Temp6
Temp5
Temp4
Table 14. TEMP_OUT resolution
Temp11-Temp0
Temperature data.
Refer to: Section 2.4: Temperature sensor on how to read the temperature
sensor output data.
Table 15. STATUS_REG register
YXOR
XOR
YOR
0
YXDA
XDA
YDA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com