Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 22 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics L2G2IS Datasheet HTML 23Page - STMicroelectronics L2G2IS Datasheet HTML 24Page - STMicroelectronics L2G2IS Datasheet HTML 25Page - STMicroelectronics L2G2IS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Register description
L2G2IS
22/26
DocID027248 Rev 2
Figure 9. LPF chain block diagram
7.9
ORIENT_CONFIG (10h)
7.10
OFF_X (11h)
Table 24. Low-pass filter cutoff frequency selection
LPF_O (CTRL_REG2 (0Ch)) LPF_D (CTRL_REG3 (0Dh))
BW (Hz)
Phase delay @ 20 Hz
0
0
280
7 deg (default)
0
1
140
13.5 deg
1
0
350
5 deg
1
1
150
11.5 deg
Table 25. ORIENT_CONFIG register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
Sign_x
Sign_y
0(1)
0(1)
0(1)
Orient
Table 26. ORIENT_CONFIG description
Sign_x
X-axis angular rate sign. Default value: 0
(0: sign unvaried; 1: sign inverted)
Sign_y
Y-axis angular rate sign. Default value: 0
(0: sign unvaried; 1: sign inverted)
Orient
Directional orientation selection. Default value: 0
(0: X-axis - Y-axis; 1: Y-axis - X-axis)
Table 27. OFF_X register
OFFX7
OFFX6
OFFX5
OFFX4
OFFX3
OFFX2
OFFX1
OFFX0
Table 28. OFF_X description
OFFX[7:0]
User offset correction register for X-axis. Default value: 0000 0000
The value is expressed as two’s complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com