Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G2IS Datasheet(PDF) 20 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 16Page - STMicroelectronics L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics L2G2IS Datasheet HTML 20Page - STMicroelectronics L2G2IS Datasheet HTML 21Page - STMicroelectronics L2G2IS Datasheet HTML 22Page - STMicroelectronics L2G2IS Datasheet HTML 23Page - STMicroelectronics L2G2IS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Register description
L2G2IS
20/26
DocID027248 Rev 2
7.6
CTRL_REG1 (0Bh)
Table 16. STATUS_REG description
YXOR
X-, Y-axis data overrun.
(0: no overrun has occurred; 1: new data has overwritten the previous data before it was
read)
XOR
X-axis data overrun.
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
YOR
Y-axis data overrun.
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
YXDA
X-, Y-axis new data available.
(0: a new set of data is not yet available; 1: a new set of data is available)
XDA
X-axis new data available.
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)
YDA
Y-axis new data available.
(0: new data for the Y-axis is not yet available;1: new data for the Y-axis is available)
Table 17. CTRL_REG1 register
BOOT
P_DRDY
BLE
SIM
ODU
0(1)
1. This bit must be set to ‘0’ for proper operation of the device.
PW1
PW0
Table 18. CTRL_REG1 description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
1. Boot request is executed as soon as internal oscillator is turned-on. It is possible to set this bit while in
power-down mode, in this case it will be served at the next normal mode or sleep mode.
P_DRDY
DRDY signal pulsed. Default value: 0
(0: DRDY is latched; 1: DRDY is pulsed)
BLE
Big/little endian data selection. Default value: 0
(0: Data LSB @ lower address; 1: Data MSB @ lower address)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
ODU
Output data update. Default value: 0
(0: output registers not updated until MSB and LSB have been read;
1: output registers updated continuously)
PW[1:0]
Operating mode selection. Default value: 00
Refer to Table 19: Operating mode selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com