Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 97Page - STMicroelectronics STM32F303XB Datasheet HTML 98Page - STMicroelectronics STM32F303XB Datasheet HTML 99Page - STMicroelectronics STM32F303XB Datasheet HTML 100Page - STMicroelectronics STM32F303XB Datasheet HTML 101Page - STMicroelectronics STM32F303XB Datasheet HTML 102Page - STMicroelectronics STM32F303XB Datasheet HTML 103Page - STMicroelectronics STM32F303XB Datasheet HTML 104Page - STMicroelectronics STM32F303XB Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
DocID023353 Rev 13
101/148
STM32F303xB STM32F303xC
Electrical characteristics
124
USB characteristics
Figure 31. USB timings: definition of data signal rise and fall time
Table 65. USB startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design.
USB transceiver startup time
1
µs
Table 66. USB DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input levels
VDD
USB operating voltage(2)
2. To be compliant with the USB 2.0 full-speed electrical specification, the USB_DP (D+) pin should be pulled
up with a 1.5 k
Ω resistor to a 3.0-to-3.6 V voltage range.
-3.0(3)
3. The STM32F303xB/STM32F303xC USB functionality is ensured down to 2.7 V but not the full USB
electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
3.6
V
VDI(4)
4. Guaranteed by design.
Differential input sensitivity
I(USB_DP, USB_DM)
0.2
-
V
VCM(4) Differential common mode range
Includes VDI range
0.8
2.5
VSE(4)
Single ended receiver threshold
-
1.3
2.0
Output levels
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V(5)
5. RL is the load connected on the USB drivers.
-0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS(5)
2.8
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com