Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 98Page - STMicroelectronics STM32F303XB Datasheet HTML 99Page - STMicroelectronics STM32F303XB Datasheet HTML 100Page - STMicroelectronics STM32F303XB Datasheet HTML 101Page - STMicroelectronics STM32F303XB Datasheet HTML 102Page - STMicroelectronics STM32F303XB Datasheet HTML 103Page - STMicroelectronics STM32F303XB Datasheet HTML 104Page - STMicroelectronics STM32F303XB Datasheet HTML 105Page - STMicroelectronics STM32F303XB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
102/148
DocID023353 Rev 13
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
Table 67. USB: Full-speed electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tr
Rise time(2)
CL = 50 pF
4
-
20
ns
tf
Fall time(2)
CL = 50 pF
4
-
20
ns
trfm
Rise/ fall time matching
tr/tf
90
-
110
%
VCRS
Output signal crossover voltage
-
1.3
-
2.0
V
Output driver
Impedance(3)
ZDRV
driving high and low
28
40
44
Ω
1. Guaranteed by design.
2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB Specification - Chapter
7 (version 2.0).
3. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-), the matching impedance is
already included in the embedded driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com