Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 99Page - STMicroelectronics STM32F411XC Datasheet HTML 100Page - STMicroelectronics STM32F411XC Datasheet HTML 101Page - STMicroelectronics STM32F411XC Datasheet HTML 102Page - STMicroelectronics STM32F411XC Datasheet HTML 103Page - STMicroelectronics STM32F411XC Datasheet HTML 104Page - STMicroelectronics STM32F411XC Datasheet HTML 105Page - STMicroelectronics STM32F411XC Datasheet HTML 106Page - STMicroelectronics STM32F411XC Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 149 page
background image
DocID026289 Rev 6
103/149
STM32F411xC STM32F411xE
Electrical characteristics
123
6.3.17
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 53).
Unless otherwise specified, the parameters given in Table 56 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 14. Refer to Table 53: I/O static characteristics for the values of VIH and VIL for
NRST pin.
Figure 32. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 56. Otherwise the reset is not taken into account by the device.
Table 56. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU
Weak pull-up equivalent
resistor(1)
VIN = VSS
30
40
50
k
Ω
VF(NRST)(2) NRST Input filtered pulse
-
-
100
ns
VNF(NRST)(2) NRST Input not filtered pulse
VDD > 2.7 V
300
-
-
ns
TNRST_OUT Generated reset pulse duration
Internal Reset
source
20
-
-
µs
1. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance must be minimum (~10% order)
.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com