Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 100Page - STMicroelectronics STM32F411XC Datasheet HTML 101Page - STMicroelectronics STM32F411XC Datasheet HTML 102Page - STMicroelectronics STM32F411XC Datasheet HTML 103Page - STMicroelectronics STM32F411XC Datasheet HTML 104Page - STMicroelectronics STM32F411XC Datasheet HTML 105Page - STMicroelectronics STM32F411XC Datasheet HTML 106Page - STMicroelectronics STM32F411XC Datasheet HTML 107Page - STMicroelectronics STM32F411XC Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
104/149
DocID026289 Rev 6
6.3.18
TIM timer characteristics
The parameters given in Table 57 are guaranteed by design.
Refer to Section 6.3.16: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
6.3.19
Communications interfaces
I2C interface characteristics
The I2C interface meets the requirements of the standard I2C communication protocol with
the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is
disabled, but is still present.
The I2C characteristics are described in Table 58. Refer also to Section 6.3.16: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
The I2C bus interface supports standard mode (up to 100 kHz) and fast mode (up to 400
kHz). The I2C bus frequency can be increased up to 1 MHz. For more details about the
complete solution, please contact your local ST sales representative.
Table 57. TIMx characteristics(1)(2)
1. TIMx is used as a general term to refer to the TIM1 to TIM11 timers.
2. Guaranteed by design.
Symbol
Parameter
Conditions(3)
3. The maximum timer frequency on APB1 is 50 MHz and on APB2 is up to 100 MHz, by setting the TIMPRE
bit in the RCC_DCKCFGR register, if APBx prescaler is 1 or 2 or 4, then TIMxCLK = HCKL, otherwise
TIMxCLK >= 4x PCLKx.
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APBx prescaler=1
or 2 or 4, fTIMxCLK =
100 MHz
1-
tTIMxCLK
11.9
-
ns
AHB/APBx prescaler>4,
fTIMxCLK = 100 MHz
1-
tTIMxCLK
11.9
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4 f
TIMxCLK = 100 MHz
0
fTIMxCLK/2
MHz
050
MHz
ResTIM
Timer resolution
-
16/32
bit
tCOUNTER
16-bit counter clock
period when internal clock
is selected
fTIMxCLK = 100 MHz
0.0119
780
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
-
65536 ×
65536
tTIMxCLK
fTIMxCLK = 100 MHz
-51.1
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com