Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 103Page - STMicroelectronics STM32F411XC Datasheet HTML 104Page - STMicroelectronics STM32F411XC Datasheet HTML 105Page - STMicroelectronics STM32F411XC Datasheet HTML 106Page - STMicroelectronics STM32F411XC Datasheet HTML 107Page - STMicroelectronics STM32F411XC Datasheet HTML 108Page - STMicroelectronics STM32F411XC Datasheet HTML 109Page - STMicroelectronics STM32F411XC Datasheet HTML 110Page - STMicroelectronics STM32F411XC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 149 page
background image
DocID026289 Rev 6
107/149
STM32F411xC STM32F411xE
Electrical characteristics
123
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 60 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 14, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 60. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master full duplex/receiver mode,
2.7 V < VDD < 3.6 V
SPI1/4/5
--
42
MHz
Master full duplex/receiver mode,
3.0 V < VDD < 3.6 V
SPI1/4/5
--
50
Master transmitter mode
1.7 V < VDD < 3.6 V
SPI1/4/5
--
50
Master mode
1.7 V < VDD < 3.6 V
SPI1/2/3/4/5
--
25
Slave transmitter/full duplex mode
2.7 V < VDD < 3.6 V
SPI1/4/5
--
38(2)
Slave receiver mode,
1.8 V < VDD < 3.6 V
SPI1/4/5
--
50
Slave mode,
1.8 V < VDD < 3.6 V
SPI1/2/3/4/5
--
25
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tw(SCKH)
tw(SCKL)
SCK high and low time Master mode, SPI presc = 2
TPCLK−1.5
TPCLK
TPCLK
+1.5
ns
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
3TPCLK
--
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2TPCLK
--
ns
tsu(MI)
Data input setup time
Master mode
4
-
-
ns
tsu(SI)
Slave mode
2.5
-
-
ns
th(MI)
Data input hold time
Master mode
7.5
-
-
ns
th(SI)
Slave mode
3.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com